Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7520 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL7520
Description  Isolated Linear Sensing IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7520 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL7520 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Electrical Specifications (DC)
Unless otherwise noted, all typicals and figures are at the nominal operation conditions of VIN+ = 0 V,
VIN- = 0 V, VREF = 4.0 V, VDD1 = VDD2 = 5.0 V and TA = 25
°C; all Minimum/Maximum specifications are within the
Recommended Operating Conditions.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Input Offset Voltage
VOS
–6
–1
6
mV
VIN+ = 0 V
6
1
Magnitude of Input Offset
∆Vos/∆T8
20
µV/°C7
Change vs. Temperature
Gain
G
VREF/0.512
VREF/0.512
V/V
-0.2 V < VIN+ 82
– 5%
+ 5%
< 0.2 V
TA = 25
°C
Magnitude of Gain Change
∆G/∆T
60
300
ppm/
°C -0.2 V < VIN+ 9
vs. Temperature
< 0.2 V
VOUT 200 mV Nonlinearity
NL200
0.06
0.55
%
-0.2 V < VIN+ 10
3,4
< 0.2 V
Magnitude of VOUT 200 mV
|dNL200/dT|
0.0004
%/
°C
-0.2 V < VIN+ 11
Nonlinearity Change
< 0.2 V
vs. Temperature
VOUT 100 mV Nonlinearity
NL100
0.04
0.4
%
-0.1 V < VIN+
3,5
< 0.1 V
Input Supply Current
IDD1
11.7
16
mA
1,2,3
Output Supply Current
IDD2
9.9
16
mA
1,2,3
Reference Voltage Input
IREF
0.26
1
mA
Current
Input Current
IIN+
–0.6
5
µAVIN+ = 0 V
4
Magnitude of Input Bias
|dIIN/dT|
0.45
nA/
°C
Current vs. Termperature
Coefficient
Maximum Input Voltage
|VIN+|MAX
256
mV
5
before VOUT Clipping
Equivalent Input Impedance
RIN
700
k
Ω
VOUT Output Impedance
ROUT
15
Ω
Input DC Common-Mode
CMRRIN
63
dB
7
Rejection Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com