Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7520 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL7520
Description  Isolated Linear Sensing IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7520 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL7520 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Figure 1. Supply current vs. supply voltage.
Figure 6. Input offset change vs. supply
voltage.
Figure 5. Output voltage vs. input voltage.
Figure 4. Input current vs. input voltage.
Figure 3. Supply current vs. input voltage.
Figure 2. Supply current vs. temperature.
Figure 9. Gain change vs. temperature.
Figure 8. Gain change vs. supply voltage.
Figure 7. Input offset change vs. temperature.
VDD – SUPPLY VOLTAGE – V
11
13
4.7
4.9
8
4.5
5.5
5.3
12
10
9
5.1
IDD1
IDD2
TA – TEMPERATURE – °C
9.5
9.0
7.5
-20
11.0
20
80
7.0
10.5
-40
100
8.5
040
IDD1
IDD2
60
8.0
10.0
9.0
8.0
5.0
-0.2
12.0
0
0.2
4.0
11.0
-0.3
0.3
7.0
-0.1
0.1
6.0
10.0
VIN – INPUT VOLTAGE – V
IDD1
IDD2
-0.4
-0.6
-1.2
-0.2
0.2
0
0.2
-1.4
0
-0.3
0.3
-0.8
-0.1
0.1
-1.0
-0.2
VIN – INPUT VOLTAGE – V
2.5
2.0
0.5
-0.2
4.0
0
0.2
0
3.5
-0.3
0.3
1.5
-0.1
0.1
1.0
3.0
VIN – INPUT VOLTAGE – V
VDD – SUPPLY VOLTAGE – V
1.0
2.5
4.7
4.9
-2.0
4.5
5.5
5.3
1.5
0
-1.5
5.1
VDD1
VDD2
2.0
0.5
-1.0
-0.5
VDD – SUPPLY VOLTAGE – V
0.010
0.020
4.7
4.9
-0.010
4.5
5.5
5.3
0.015
0.005
-0.005
5.1
VDD1
VDD2
0
TA – TEMPERATURE – °C
0.3
0.2
-0.2
-20
0.7
20
80
-0.3
0.6
-40
100
0.1
040
60
-0.1
0.4
0
0.5
TA – TEMPERATURE – °C
-0.5
-20
2.0
80
-2.0
0
1.5
-40
100
20
40
-1.5
0.5
060
-1.0
1.0
TYPICAL
MAXIMUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com