Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC402 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # FPC402
Description  Quad Port Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPC402 Datasheet(HTML) 3 Page - Texas Instruments

  FPC402 Datasheet HTML 1Page - Texas Instruments FPC402 Datasheet HTML 2Page - Texas Instruments FPC402 Datasheet HTML 3Page - Texas Instruments FPC402 Datasheet HTML 4Page - Texas Instruments FPC402 Datasheet HTML 5Page - Texas Instruments FPC402 Datasheet HTML 6Page - Texas Instruments FPC402 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FPC402
www.ti.com
SNLS583 – JUNE 2017
Product Folder Links: FPC402
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Description (continued)
The FPC402 is compatible with standard SFF-8431, SFF-8436, and SFF-8449 low-speed management
interfaces, including a dedicated 100- or 400-kHz I2C interface to each port. Additional general-purpose pins are
available to perform functions such as driving port status LEDs or controlling power switches. The LED drivers
have convenience features such as programmable blinking and dimming. The interface to the host controller can
operate on a separate supply voltage between 1.8 V and 3.3 V to support low-voltage I/Os.
The FPC402 can prefetch data from user-specified registers in each module, making the data readily accessible
to the host through a fast I2C (up to 1 MHz) or SPI (up to 10 MHz) interface. In addition, the FPC402 can trigger
an interrupt to the host whenever critical, user-configurable events occur associated with any of the ports the
device controls. This eliminates the need to continuously poll the modules.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com