Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC402 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # FPC402
Description  Quad Port Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPC402 Datasheet(HTML) 1 Page - Texas Instruments

  FPC402 Datasheet HTML 1Page - Texas Instruments FPC402 Datasheet HTML 2Page - Texas Instruments FPC402 Datasheet HTML 3Page - Texas Instruments FPC402 Datasheet HTML 4Page - Texas Instruments FPC402 Datasheet HTML 5Page - Texas Instruments FPC402 Datasheet HTML 6Page - Texas Instruments FPC402 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FPC402 QUAD PORT CONTROLLER
HOST
CONTROLLER
PORT 0
SCL
INT
SDA
SFP,
QSFP,
QSFP-DD,
OSFP
PORT 1
SFP,
QSFP,
QSFP-DD,
OSFP
PORT 2
PORT 3
I2C,
STATUS,
CONTROL
FPC402 QUAD PORT CONTROLLER
PORT 0
SFP,
QSFP,
QSFP-DD,
OSFP
PORT 1
SFP,
QSFP,
QSFP-DD,
OSFP
PORT 2
SFP,
QSFP,
QSFP-DD,
OSFP
PORT 3
SFP,
QSFP,
QSFP-DD,
OSFP
I2C,
STATUS,
CONTROL
SFP,
QSFP,
QSFP-DD,
OSFP
SFP,
QSFP,
QSFP-DD,
OSFP
PORT 0
PORT 1
PORT2
PORT 3
PORT 4
PORT 5
PORT 6
PORT 7
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
FPC402
SNLS583 – JUNE 2017
FPC402 Quad Port Controller
1
1 Features
1
•
Control Signal Management and I2C Aggregation
Across Four Ports
•
Combine Multiple FPC402s to Control 56 Total
Ports Through a Single Host Interface
•
Eliminate Need for Discrete I2C Muxes, LED
Drivers, and High-Pin-Count FPGA/CPLD Control
Devices
•
Reduce PCB Routing Complexity by Handling All
Low-Speed Control Signals Close to the Port
•
Selectable I2C (up to 1 MHz) or SPI (up to 10
MHz) Host Control Interface
•
Automatic Prefetching of Critical, User-Specified
Data From the Modules
•
Broadcast Mode Write to All Ports Simultaneously
Across All FPC402 Controllers
•
Advanced LED Features for Port Status
Indication, Including Programmable Blinking and
Dimming
•
Customizable Interrupt Events
•
Separate Host-Side I/O Voltage: 1.8 V to 3.3 V
•
Small WQFN Package Enabling Placement on
Bottom Side of PCB Underneath Ports
2 Applications
•
ToR/Aggregation/Core Switch and Router
•
Wireless Infrastructure Base Band Unit and
Remote Radio Unit
•
Video Switch and Router
•
Storage Cards and Storage Racks
•
SFP, QSFP, QSFP-DD, OSFP, Mini-SAS HD Port
Management
3 Description
The FPC402 quad port controller serves as a low-
speed signal aggregator for common port types such
as SFP, QSFP, Mini-SAS HD, and others. The
FPC402 aggregates all low-speed control and I2C
signals across four ports and presents a single easy-
to-use management interface to the host (I2C or SPI).
Multiple FPC402s can be used in high-port-count
applications with one common control interface to the
host. The FPC402 is designed to allow placement on
the bottom side of the PCB, underneath the press fit
connector, to simplify routing. This localized control of
the low-speed signals in the ports cuts system BOM
costs by enabling the use of smaller IO count control
devices
(FPGAs,
CPLDs,
and
MCUs)
and
by
reducing routing layer congestion.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
FPC402
WQFN (56)
5.00 mm × 11.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Device Comparison
PART
NUMBER
ACCESSIBLE DOWNSTREAM
ADDRESSES
PIN
COMPATIBLE
FPC402
All valid I2C addreses
-
FPC401
MSA Addresses: 0xA0, 0xA2
Yes
Simplified Block Diagram


Similar Part No. - FPC402

ManufacturerPart #DatasheetDescription
logo
NiceRF Wireless Technol...
FPC400 G-NICE-FPC400 Datasheet
918Kb / 4P
FPC400
2025-5
logo
Texas Instruments
FPC401 TI1-FPC401 Datasheet
711Kb / 10P
FPC401 Quad Port Controller
FPC401 TI2-FPC401 Datasheet
333Kb / 11P
FPC401 Quad Port Controller
DECEMBER 2016
FPC401RHUR TI1-FPC401RHUR Datasheet
711Kb / 10P
FPC401 Quad Port Controller
FPC401RHUR TI2-FPC401RHUR Datasheet
333Kb / 11P
FPC401 Quad Port Controller
DECEMBER 2016
More results

Similar Description - FPC402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
FireLink USB Dual Controller Quad Port USB
logo
XFMRS Inc.
XF6612A-C4-4S XFMRS-XF6612A-C4-4S Datasheet
85Kb / 2P
QUAD PORT COMBO
XFATM2K-C4-4S XFMRS-XFATM2K-C4-4S Datasheet
129Kb / 2P
QUAD PORT COMBO
XFATM9-C4-4M XFMRS-XFATM9-C4-4M Datasheet
69Kb / 2P
QUAD PORT COMBO
logo
Silicon Laboratories
SI3452 SILABS-SI3452 Datasheet
324Kb / 36P
QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
logo
XFMRS Inc.
XF6006Q5 XFMRS-XF6006Q5_15 Datasheet
95Kb / 1P
QUAD PORT
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
Quad Port Power-over-Ethernet PSE Controller
logo
XFMRS Inc.
XF0476-QCMC XFMRS-XF0476-QCMC Datasheet
46Kb / 1P
QUAD PORT
logo
Texas Instruments
FPC401 TI1-FPC401 Datasheet
711Kb / 10P
FPC401 Quad Port Controller
logo
Broadcom Corporation.
BCM5719 BOARDCOM-BCM5719 Datasheet
678Kb / 2P
X4 PCI EXPRESS QUAD-PORT GIGABIT ETHERNET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com