Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93V857 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS93V857
Description  2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93V857 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS93V857 Datasheet HTML 1Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 2Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 3Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 4Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 5Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 6Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 7Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 8Page - Integrated Circuit Systems ICS93V857 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
ICS93V857-XXX
0693K—03/13/03
1
Block Diagram
2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
Pin Configuration
48-Pin TSSOP & TVSOP
Recommended Application:
•
DDR Memory Modules / Zero Delay Board Fan Out
•
Provides complete DDR DIMM logic solution with
ICSSSTV16857, ICSSSTV16859 or ICSSSTV32852
Product Description/Features:
•
Low skew, low jitter PLL clock driver
•
1 to 10 differential clock distribution (SSTL_2)
•
Feedback pins for input to output synchronization
•
PD# for power management
•
Spread Spectrum tolerant inputs
•
Auto PD when input signal removed
•
Choice of static phase offset available,
for easy board tuning;
-XXX = device pattern number for options listed
below.
- ICS93V857-025 ...... 0ps
- ICS93V857-125 +125ps
- ICS93V857-130 .. +40ps
Switching Characteristics:
•
Period jitter (>66MHz): <40ps
•
CYCLE - CYCLE jitter (66MHz): <120ps
•
CYCLE - CYCLE jitter (>100MHz): <65ps
•
OUTPUT - OUTPUT skew: <60ps
•
Output Rise and Fall Time: 650ps - 950ps
•
DUTY CYCLE: 49.5% - 50.5%
GND
CLKC0
CLKT0
VDD
CLKT1
CLKC1
GND
GND
CLKC2
CLKT2
VDD
VDD
CLK_INT
CLK_INC
VDD
AVDD
AGND
GND
CLKC3
CLKT3
VDD
CLKT4
CLKC4
GND
GND
CLKC5
CLKT5
VDD
CLKT6
CLKC6
GND
GND
CLKC7
CLKT7
VDD
PD#
FB_INT
FB_INC
VDD
FB_OUTC
FB_OUTT
GND
CLKC8
CLKT8
VDD
CLKT9
CLKC9
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
A#
D
PT
N
I
_
K
L
CC
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
FC
T
U
O
_
B
F
D
N
GH
L
H
L
H
L
H
f
f
o
/
d
e
s
s
a
p
y
B
D
N
GH
H
L
H
L
H
L
f
f
o
/
d
e
s
s
a
p
y
B
V
5
.
2
)
m
o
n
(
LL
H
Z
Z
Z
Z
f
f
o
V
5
.
2
)
m
o
n
(
LH
LZ
Z
Z
Z
f
f
o
V
5
.
2
)
m
o
n
(
HL
HL
H
L
H
n
o
V
5
.
2
)
m
o
n
(
HH
L
H
L
H
L
n
o
V
5
.
2
)
m
o
n
(
X)
z
H
M
0
2
<
)
1
(
ZZ
Z
Z
f
f
o
Functionality
PLL
FB_INT
FB_INC
CLK_INC
CLK_INT
PD#
Control
Logic
FB_OUTT
FB_OUTC
CLKT0
CLKT1
CLKT2
CLKT3
CLKT4
CLKT5
CLKT6
CLKT7
CLKT8
CLKT9
CLKC0
CLKC1
CLKC2
CLKC3
CLKC4
CLKC5
CLKC6
CLKC7
CLKC8
CLKC9
6.10 mm. Body, 0.50 mm. pitch = TSSOP
4.40 mm. Body, 0.40 mm. pitch = TSSOP (TVSOP)


Similar Part No. - ICS93V857

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93V857 RENESAS-ICS93V857 Datasheet
277Kb / 12P
2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
2019
logo
Integrated Device Techn...
ICS93V857-XXX IDT-ICS93V857-XXX Datasheet
127Kb / 11P
Feedback pins for input to output synchronization
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
2.5V Wide Range Frequency Clock Driver
ICS93V857YL-125T ICST-ICS93V857YL-125T Datasheet
82Kb / 10P
2.5V Wide Range Frequency Clock Driver
ICS93V857YL-130T ICST-ICS93V857YL-130T Datasheet
82Kb / 10P
2.5V Wide Range Frequency Clock Driver
More results

Similar Description - ICS93V857

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V847 ICST-ICS95V847 Datasheet
85Kb / 9P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Integrated Device Techn...
ICS95V857 IDT-ICS95V857 Datasheet
134Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
95V857 RENESAS-95V857 Datasheet
2Mb / 14P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS93V857 RENESAS-ICS93V857 Datasheet
277Kb / 12P
2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
2019
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V847 RENESAS-ICS95V847 Datasheet
271Kb / 10P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com