Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS60101 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS60101
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS60101 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS60101 Datasheet HTML 1Page - Integrated Circuit Systems ICS60101 Datasheet HTML 2Page - Integrated Circuit Systems ICS60101 Datasheet HTML 3Page - Integrated Circuit Systems ICS60101 Datasheet HTML 4Page - Integrated Circuit Systems ICS60101 Datasheet HTML 5Page - Integrated Circuit Systems ICS60101 Datasheet HTML 6Page - Integrated Circuit Systems ICS60101 Datasheet HTML 7Page - Integrated Circuit Systems ICS60101 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LOW PHASE NOISE CLOCK MULTIPLIER
MDS 601-01 L
4
Revision 111204
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS601-01
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS601-01. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3 V ±10%, Ambient temperature -40 to +85°C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature, Commercial version
0 to +70
°C
Ambient Operating Temperature, Industrial version
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Input High Voltage
VIH
X1/ICLK pin only
Note 1
VDD/2+1
V
Input Low Voltage
VIL
X1/ICLK pin only
Note 1
VDD/2-1
V
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
CMOS level
IOH = -4mA
VDD-0.4
V
IOH = -12mA
2.4
Output Low Voltage
VOL
IOL = 12mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com