Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS60101 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS60101
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS60101 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS60101 Datasheet HTML 1Page - Integrated Circuit Systems ICS60101 Datasheet HTML 2Page - Integrated Circuit Systems ICS60101 Datasheet HTML 3Page - Integrated Circuit Systems ICS60101 Datasheet HTML 4Page - Integrated Circuit Systems ICS60101 Datasheet HTML 5Page - Integrated Circuit Systems ICS60101 Datasheet HTML 6Page - Integrated Circuit Systems ICS60101 Datasheet HTML 7Page - Integrated Circuit Systems ICS60101 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LOW PHASE NOISE CLOCK MULTIPLIER
MDS 601-01 L
5
Revision 111204
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS601-01
Note 1: Switching occurs nominally at VDD/2
AC Electrical Characteristics
VDD = 3.3V ±10%, Ambient Temperature -40 to +85° C
Note 2: Input frequency limited by maximum output frequency and multiplication factor (I.e. For 16x,
maximum input frequency is 13.75 MHz).
Operating Supply Current
IDD
No load, 125 MHz
22
30
mA
Short Circuit Current
Each output
±40
±60
mA
Input Capacitance
CIN
OE, select pins
5
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
Fin
10
27
MHz
Output Frequency
at 3.3V or 5V
156
MHz
Output Rise Time
tOR
0.8 to 2.0V no load
1.5
ns
Output Fall Time
tOF
0.8 to 2.0V, no load
1.5
ns
Output Clock Duty Cycle
at VDD/2
45
50
55
%
Maximum Absolute jitter, short
term, 125 MHz
No load
±50
±75
ps
Maximum jitter, one sigma,
125 MHz (x5)
No load
12
20
ps
Phase Noise, relative to carrier,
125 MHz (x5)
100 Hz offset
-90
-94
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
1 kHz
-116
-120
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
10 kHz offset
-118
-122
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
100 kHz offset
-115
-119
dBc/Hz
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com