Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83905 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS83905
Description  LOW SKEW, 1:6 CRYSTAL INTERFACE-TOLVCMOS / LVTTL FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83905 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS83905 Datasheet HTML 1Page - Integrated Circuit Systems ICS83905 Datasheet HTML 2Page - Integrated Circuit Systems ICS83905 Datasheet HTML 3Page - Integrated Circuit Systems ICS83905 Datasheet HTML 4Page - Integrated Circuit Systems ICS83905 Datasheet HTML 5Page - Integrated Circuit Systems ICS83905 Datasheet HTML 6Page - Integrated Circuit Systems ICS83905 Datasheet HTML 7Page - Integrated Circuit Systems ICS83905 Datasheet HTML 8Page - Integrated Circuit Systems ICS83905 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
83905AM
http://www.icst.com/products/hiperclocks.html
REV. A JANUARY 20, 2005
5
Integrated
Circuit
Systems, Inc.
ICS83905
LOW SKEW, 1:6 CRYSTAL INTERFACE-TO-
LVCMOS / LVTTL FANOUT BUFFER
PRELIMINARY
TABLE 5A. AC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
l
a
t
s
y
r
C
l
a
n
r
e
t
x
E
g
n
i
s
U0
10
5z
H
M
e
c
r
u
o
S
k
c
o
l
C
l
a
n
r
e
t
x
E
g
n
i
s
UC
D0
0
1z
H
M
t
W
P
h
t
d
i
W
e
s
l
u
P
t
u
p
t
u
O
1
E
T
O
N
;
)
V
2
e
v
o
b
a
(
H
G
I
H
s
d
o
i
r
e
P
=
T
T
5
.
0
2
E
T
O
N
,
)
V
8
.
0
w
o
l
e
b
(
W
O
LT
5
.
0
1
E
T
O
N
;
)
V
2
e
v
o
b
a
(
H
G
I
HT
5
.
0
2
E
T
O
N
,
)
V
8
.
0
w
o
l
e
b
(
W
O
LT
5
.
0
t
R
E
P
d
o
i
r
e
P
t
u
p
t
u
Od
o
i
r
e
P
d
e
r
i
s
e
d
=
TD
B
T
t
)
o
(
k
s5
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
1s
p
t
R/tF
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
5s
p
t
N
E
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
4
E
T
O
N
1
E
L
B
A
N
ED
B
Ts
m
2
E
L
B
A
N
ED
B
Ts
m
t
S
I
D
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
4
E
T
O
N
1
E
L
B
A
N
ED
B
Ts
m
2
E
L
B
A
N
ED
B
Ts
m
A
C
S
O
n
i
a
G
r
o
t
a
ll
i
c
s
O
T
U
O
_
L
A
T
X
o
t
N
I
_
L
A
T
X
D
B
Tb
d
e
s
a
h
P+
°
0
6
3
o
l
u
d
o
M
t
f
i
h
S
e
s
a
h
P
p
o
o
L
D
B
T°
f
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
.
t
e
m
e
r
a
e
l
b
a
t
s
n
o
t
i
d
n
o
C
g
n
i
t
a
r
e
p
O
d
e
d
n
e
m
m
o
c
e
R
m
o
r
f
s
c
e
p
s
e
l
c
y
c
y
t
u
d
t
u
p
n
i
g
n
i
m
u
s
s
A
:
1
E
T
O
N
.
d
e
s
u
s
i
e
c
n
e
r
e
f
e
r
l
a
n
r
e
t
x
e
e
l
c
y
c
y
t
u
d
%
0
5
r
o
l
a
t
s
y
r
c
l
a
n
r
e
t
x
e
g
n
i
m
u
s
s
A
:
2
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
O
D
D
.
2
/
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
4
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
5
E
T
O
N
TABLE 5B. AC CHARACTERISTICS, V
DD = VDDO = 2.5V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
l
a
t
s
y
r
C
l
a
n
r
e
t
x
E
g
n
i
s
U0
10
5z
H
M
e
c
r
u
o
S
k
c
o
l
C
l
a
n
r
e
t
x
E
g
n
i
s
UC
D0
0
1z
H
M
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
0
5%
t
R
E
P
d
o
i
r
e
P
t
u
p
t
u
O
D
B
T
t
)
o
(
k
s5
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
1s
p
t
R/tF
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
5s
p
t
N
E
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
4
E
T
O
N
1
E
L
B
A
N
ED
B
Ts
m
2
E
L
B
A
N
ED
B
Ts
m
t
S
I
D
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
4
E
T
O
N
1
E
L
B
A
N
ED
B
Ts
m
2
E
L
B
A
N
ED
B
Ts
m
A
C
S
O
n
i
a
G
r
o
t
a
ll
i
c
s
O
T
U
O
_
L
A
T
X
o
t
N
I
_
L
A
T
X
D
B
Tb
d
e
s
a
h
P+
°
0
6
3
o
l
u
d
o
M
t
f
i
h
S
e
s
a
h
P
p
o
o
L
D
B
T°
.
A
5
e
l
b
a
T
m
o
r
f
s
e
t
o
n
e
e
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com