Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83905 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS83905
Description  LOW SKEW, 1:6 CRYSTAL INTERFACE-TOLVCMOS / LVTTL FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83905 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS83905 Datasheet HTML 6Page - Integrated Circuit Systems ICS83905 Datasheet HTML 7Page - Integrated Circuit Systems ICS83905 Datasheet HTML 8Page - Integrated Circuit Systems ICS83905 Datasheet HTML 9Page - Integrated Circuit Systems ICS83905 Datasheet HTML 10Page - Integrated Circuit Systems ICS83905 Datasheet HTML 11Page - Integrated Circuit Systems ICS83905 Datasheet HTML 12Page - Integrated Circuit Systems ICS83905 Datasheet HTML 13Page - Integrated Circuit Systems ICS83905 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
83905AM
http://www.icst.com/products/hiperclocks.html
REV. A JANUARY 20, 2005
10
Integrated
Circuit
Systems, Inc.
ICS83905
LOW SKEW, 1:6 CRYSTAL INTERFACE-TO-
LVCMOS / LVTTL FANOUT BUFFER
PRELIMINARY
APPLICATION INFORMATION
CRYSTAL INPUT INTERFACE, FUNDAMENTAL
Figure 1A shows an example of ICS83905 crystal interface with
parallel resonance crystal using fundamental frequency.The C1,
C2 and R1 values are suggested for the best frequency accu-
R1
100
X1
XTAL_IN
XTAL_OUT
C2
16p
C1
10p
XTAL_IN
XTAL_OUT
C1
10p
L1
X1
C2
16p
C3
CRYSTAL INPUT INTERFACE, 3RD OVERTONE
Figure 1B shows an example of ICS83905 crystal interface with
parallel resonance crystal using 3rd overtone frequency. The C1,
C2 values are suggested for the best frequency accuracy ppm.
racy ppm. The optimum C1 and C2 values can be adjusted to
improve the frequency accuracy for stray capacitance of differ-
ent board layout.
FIGURE 1A. CRYSTAL OSCILLATOR INTERFACE, (FUNDAMENTAL)
The optimum C1 and C2 values can be adjusted to improve the
frequency accuracy for stray capacitance of different board lay-
out.The C3 and L1 can be calculated from the given equation.
FIGURE 1B. CRYSTAL OSCILLATOR INTERFACE (3RD OVERTONE)
3
*
1
2
1
_
C
L
fund
F
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com