Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93716 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS93716
Description  Low Cost DDR Phase Lock Loop Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93716 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS93716 Datasheet HTML 4Page - Integrated Circuit Systems ICS93716 Datasheet HTML 5Page - Integrated Circuit Systems ICS93716 Datasheet HTML 6Page - Integrated Circuit Systems ICS93716 Datasheet HTML 7Page - Integrated Circuit Systems ICS93716 Datasheet HTML 8Page - Integrated Circuit Systems ICS93716 Datasheet HTML 9Page - Integrated Circuit Systems ICS93716 Datasheet HTML 10Page - Integrated Circuit Systems ICS93716 Datasheet HTML 11Page - Integrated Circuit Systems ICS93716 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ICS93716
0420E—04/01/03
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
.10 (.004) C
.10 (.004) C
c
L
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
Ordering Information
ICS93716yF-T
Designation for tape and reel packaging
Package Type
F = SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS, AV = Standard Device
Example:
ICS XXXXX y F - T
MIN
MAX
MIN
MAX
A
--
2.00
--
.079
A1
0.05
--
.002
--
A2
1.65
1.85
.065
.073
b
0.22
0.38
.009
.015
c
0.09
0.25
.0035
.010
D
E
7.40
8.20
.291
.323
E1
5.00
5.60
.197
.220
e
L
0.55
0.95
.022
.037
N
α
0°
8°
0°
8°
VARIATIONS
MIN
MAX
MIN
MAX
28
9.90
10.50
.390
.413
10-0033
Reference Doc.: JEDEC Publication 95, MO-150
SEE VARIATIONS
SEE VARIATIONS
N
D mm.
D (inch)
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
0.0256 BASIC
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
COMMON DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com