Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93725 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS93725
Description  DDR and SDRAM Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93725 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS93725 Datasheet HTML 1Page - Integrated Circuit Systems ICS93725 Datasheet HTML 2Page - Integrated Circuit Systems ICS93725 Datasheet HTML 3Page - Integrated Circuit Systems ICS93725 Datasheet HTML 4Page - Integrated Circuit Systems ICS93725 Datasheet HTML 5Page - Integrated Circuit Systems ICS93725 Datasheet HTML 6Page - Integrated Circuit Systems ICS93725 Datasheet HTML 7Page - Integrated Circuit Systems ICS93725 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICS93725
0606A—08/01/03
Electrical Characteristics - Input/Supply/Common Output Parameters
SEL_DDR=1 DDR Outputs VDD=2.5V, TA=0 - 85°C; (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
100MHz, RL=0
Ω, CL = 0pF
141
mA
133MHz, RL=0
Ω, CL = 0pF
188
mA
200MHz, RL=0
Ω, CL = 0pF
271
mA
Output High Current
IOH
VDD=2.5V, VOUT=1V
-43
-18
mA
Output Low Current
IOL
VDD=2.5V, VOUT=1.2V
26
38
mA
VDD=2.5V
IOH = -12 mA
VDD=2.5V
IOH = 12 mA
Output differential-pair
VDD = 2.5V
Crossing voltage
100/133/166/ 200 Mhz
Input Capacitance
1
CIN
VI = GND or VDD
2pF
1Guaranteed by design, not 100% tested in production.
VOH
1.7
IDD2.5
Operating Supply Current
2V
Low-level output voltage
VOL
0.4
0.6
V
High-level output voltage
1.45
V
VOC
1.05
1.25
Recommended Operating Condition
SEL_DDR=1 DDR Outputs VDD=2.5V, TA=0 - 85°C; (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Voltage
VDD2.5
2.3
2.5
2.7
V
Input High Voltage
VIH
SEL_DDR, PD# input
2
V
Input Low Voltage
VIL
SEL_DDR, PD# input
0.8
V
Input Voltage Level
VIN
02.5
2.7
V
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com