Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93725 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS93725
Description  DDR and SDRAM Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93725 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS93725 Datasheet HTML 1Page - Integrated Circuit Systems ICS93725 Datasheet HTML 2Page - Integrated Circuit Systems ICS93725 Datasheet HTML 3Page - Integrated Circuit Systems ICS93725 Datasheet HTML 4Page - Integrated Circuit Systems ICS93725 Datasheet HTML 5Page - Integrated Circuit Systems ICS93725 Datasheet HTML 6Page - Integrated Circuit Systems ICS93725 Datasheet HTML 7Page - Integrated Circuit Systems ICS93725 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
ICS93725
0606A—08/01/03
Block Diagram
DDR and SDRAM Zero Delay Buffer
Pin Configuration
48-Pin SSOP
Recommended Application:
DDR & SDRAM Zero Delay Buffer for SIS 635/640/645/
650 & 735/740/746 style chipsets.
Product Description/Features:
•
Low skew, Zero Delay Buffer
•
1 to 13 SDRAM PC133 clock distribution
•
1 to 6 pairs of DDR clock distribution
•I
2C for functional and output control
•
Separate feedback path for both memory mode to
adjust synchronization.
•
Supports up to 2 DDR DIMMs or 3 SDRAM DIMMs
•
Frequency support for up to 200MHz
•
Individual I
2C clock stop for power mananagement
•
CMOS level control signal input
Switching Characteristics:
•
OUTPUT - OUTPUT skew: <100ps
•
Output Rise and Fall Time for DDR outputs: 550ps -
1150ps
•
DUTY CYCLE: 47% - 53%
*Internal Pull-up Resistor of 120K to VDD
Functionality
E
D
O
M8
4
N
I
P
D
D
V
5
.
2
_
3
.
3
R
D
D
e
d
o
M
1
=
R
D
D
_
L
E
SV
5
.
2
D
S
/
R
D
D
e
d
o
M
0
=
R
D
D
_
L
E
SV
3
.
3
VDD3.3
SDRAM0
SDRAM1
SDRAM2
SDRAM3
GND
VDD3.3
SDRAM4
SDRAM5
BUFFER_IN
SDRAM6
SDRAM7
GND
VDD3.3
SDRAM8
SDRAM9
SDRAM10
SDRAM11
GND
VDD3.3
SDRAM12
SDFB_OUT
SDFB_IN
GND
SEL_DDR*
DDRFB_IN
DDRFB_OUT
VDD2.5
DDRT5
DDRC5
DDRT4
DDRC4
GND
VDD2.5
DDRT3
DDRC3
DDRT2
DDRC2
GND
VDD2.5
DDRT1
DDRC1
DDRT0
DDRC0
GND
VDD2.5
SCLK
SDATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SEL_DDR*
PLL1
SDRAM (12:0)
DDRFB_OUT
SDRAMFB_OUT
BUFFER_IN
SDRAMFB_IN
DDRFB_IN
SDATA
SCLK
Control
Logic
Config.
Reg.
3
3
DDRT (5:0)
DDRCC (5:0)


Similar Part No. - ICS93725

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93725 RENESAS-ICS93725 Datasheet
99Kb / 8P
DDR and SDRAM Zero Delay Buffer
08/01/03
ICS93725YFT RENESAS-ICS93725YFT Datasheet
99Kb / 8P
DDR and SDRAM Zero Delay Buffer
08/01/03
More results

Similar Description - ICS93725

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28343 CYPRESS-CY28343 Datasheet
91Kb / 10P
Zero Delay SDR/DDR Clock Buffer
logo
Integrated Circuit Syst...
ICS93718 ICST-ICS93718 Datasheet
104Kb / 8P
DDR and SDRAM Buffer
ICS93738 ICST-ICS93738 Datasheet
67Kb / 8P
DDR and SDRAM Buffer
logo
Winbond
W83176R-735 WINBOND-W83176R-735_06 Datasheet
245Kb / 13P
DIMM DDR ZERO DELAY BUFFER
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
ICS93718 IDT-ICS93718_07 Datasheet
102Kb / 9P
DDR and SDRAM Buffer
logo
Renesas Technology Corp
ICS93718 RENESAS-ICS93718 Datasheet
231Kb / 10P
DDR and SDRAM Buffer
02/11/07
ICS93725 RENESAS-ICS93725 Datasheet
99Kb / 8P
DDR and SDRAM Zero Delay Buffer
08/01/03
ICS93738 RENESAS-ICS93738 Datasheet
343Kb / 10P
DDR and SDRAM Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com