Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94215 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS94215
Description  Programmable System Clock Chip for AMD - K7??Processor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94215 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS94215 Datasheet HTML 8Page - Integrated Circuit Systems ICS94215 Datasheet HTML 9Page - Integrated Circuit Systems ICS94215 Datasheet HTML 10Page - Integrated Circuit Systems ICS94215 Datasheet HTML 11Page - Integrated Circuit Systems ICS94215 Datasheet HTML 12Page - Integrated Circuit Systems ICS94215 Datasheet HTML 13Page - Integrated Circuit Systems ICS94215 Datasheet HTML 14Page - Integrated Circuit Systems ICS94215 Datasheet HTML 15Page - Integrated Circuit Systems ICS94215 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
ICS94215
0442C—07/03/02
Electrical Characteristics - CPUCLK (Open Drain)
TA = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
Z0
VO = VX
Output High Voltage
VOH2B
11.2
V
Output Low Voltage
VOL2B
0.4
V
Output Low Current
IOL2B
VOL = 0.3 V
18
mA
Rise Time
1
tr2B
VOL = 0.3 V, VOH = 1.2 V
0.9
ns
Fall Time
1
tf2B
VOH = 1.2 V, VOL = 0.3 V
0.9
ns
Differential voltage-AC
1
VDIF
Note 2
0.4
V
Differential voltage-DC
1
VDIF
Note 2
0.2
V
Differential Crossover
VX
Note 3
550
1100
mV
Duty Cycle
1
dt2B
VT = 50%
45
51
55
%
Skew
1
tsk2B
VT = 50%
163
200
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = VX
201
250
ps
Jitter, Absolute
1
tjabs2B
VT = 50%
-250
250
ps
Notes:
1 - Guaranteed by design, not 100% tested in production.
3 - Vpullup(external) = 1.5V, Min = Vpullup(external)/2-150mV; Max=(Vpullup(external)/2)+150mV
Vpu
+0.6
Termination to Vpull-up(external)
2 - VDIF specifies the minimum input differential voltages (VTR-VCP) required for switching, where VTR is the "true"
input level and VCP is the "complement" input level.
Electrical Characteristics - CPU (Push-Pull)
TA = 0 - 70°C; VDDL = 2.5 V +/-5%; VDDL = 2.5 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP2B
VO = VDD*(0.5)
10
20
W
Output Impedance
1
RDSN2B
VO = VDD*(0.5)
10
20
W
Output High Voltage
VOH2B
IOH = -12.0 mA
2
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
mA
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.0 V
0.4
1.2
1.6
ns
Fall Time
1
tf2B
VOH = 2.0 V, VOL = 0.4 V
0.4
1.1
1.6
ns
Duty Cycle
1
dt2B
VT = 1.25 V
45
46.9
55
%
Skew window
0:1
tsk2B
VT = 1.25 V
43
175
ps
Skew window
0:2
tsk2B
VT = 1.25 V
142
375
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc
VT = 1.25 V, CPU=66 MHz
177
250
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com