Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94215 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS94215
Description  Programmable System Clock Chip for AMD - K7??Processor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94215 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS94215 Datasheet HTML 5Page - Integrated Circuit Systems ICS94215 Datasheet HTML 6Page - Integrated Circuit Systems ICS94215 Datasheet HTML 7Page - Integrated Circuit Systems ICS94215 Datasheet HTML 8Page - Integrated Circuit Systems ICS94215 Datasheet HTML 9Page - Integrated Circuit Systems ICS94215 Datasheet HTML 10Page - Integrated Circuit Systems ICS94215 Datasheet HTML 11Page - Integrated Circuit Systems ICS94215 Datasheet HTML 12Page - Integrated Circuit Systems ICS94215 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
ICS94215
0442C—07/03/02
Byte 13: Spread Sectrum Control Register
Byte 14:
Spread Sectrum Control Register
Note: Please utilize software utility provided by ICS
Application Engineering to configure spread
spectrum. Incorrect spread percentage may cause
system failure.
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
7
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
6
t
i
BX
6
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
5
t
i
BX
5
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
4
t
i
BX
4
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
3
t
i
BX
3
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
2
t
i
BX
2
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
1
t
i
BX
1
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
0
t
i
BX
0
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
d
e
v
r
e
s
e
R
6
t
i
BX
d
e
v
r
e
s
e
R
5
t
i
BX
d
e
v
r
e
s
e
R
4
t
i
BX
2
1
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
3
t
i
BX
1
1
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
2
t
i
BX
0
1
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
1
t
i
BX
9
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
0
t
i
BX
8
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
Note: Please utilize software utility provided by ICS
Application Engineering to configure spread
spectrum. Incorrect spread percentage may cause
system failure.
Byte 15: Output Skew Control
Byte 16: Output Skew Control
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B0
l
o
r
t
n
o
C
w
e
k
S
F
_
I
C
P
6
t
i
B0
5
t
i
B0
4
t
i
B0
3
t
i
B0
l
o
r
t
n
o
C
w
e
k
S
]
4
:
0
[
K
L
C
I
C
P
2
t
i
B0
1
t
i
B0
0
t
i
B0
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
d
e
v
r
e
s
e
R
6
t
i
BX
d
e
v
r
e
s
e
R
5
t
i
BX
d
e
v
r
e
s
e
R
4
t
i
BX
d
e
v
r
e
s
e
R
3
t
i
BX
d
e
v
r
e
s
e
R
2
t
i
BX
d
e
v
r
e
s
e
R
1
t
i
BX
d
e
v
r
e
s
e
R
0
t
i
BX
d
e
v
r
e
s
e
R
Byte 17: Output Rise/FallTime Select Register
Byte 18: Output Rise/Fall Time Select Register
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B1
0
T
K
L
C
U
P
C
6
t
i
B1
0
C
K
L
C
U
P
C
5
t
i
BX
d
e
v
r
e
s
e
R
4
t
i
B0
K
L
C
U
P
C
3
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
T
U
O
_
M
A
R
D
S
2
t
i
B0
1
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
]
1
1
:
0
[
M
A
R
D
S
0
t
i
B0
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
]
4
:
0
[
I
C
P
6
t
i
B0
5
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
F
_
I
C
P
4
t
i
B0
3
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
z
H
M
8
4
2
t
i
B0
1
t
i
B1
l
o
r
t
n
o
C
e
t
a
R
w
e
l
S
:
z
H
M
4
2
0
t
i
B0
Notes:
1. PWD = Power on Default
2. The power on default for byte 13-20 depends on the harware (latch inputs FS[0:4]) or I
2C (Byte 0 bit [1:7]) setting.
Be sure to read back and re-write the values of these 8 registers when VCO frequency change is desired for the first
pass.
3. If Byte 8 bit 7 is driven to "1" meaning programming is intended, Byte 21-24 will lose their default power up value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com