Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843031 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS843031
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843031 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS843031 Datasheet HTML 1Page - Integrated Circuit Systems ICS843031 Datasheet HTML 2Page - Integrated Circuit Systems ICS843031 Datasheet HTML 3Page - Integrated Circuit Systems ICS843031 Datasheet HTML 4Page - Integrated Circuit Systems ICS843031 Datasheet HTML 5Page - Integrated Circuit Systems ICS843031 Datasheet HTML 6Page - Integrated Circuit Systems ICS843031 Datasheet HTML 7Page - Integrated Circuit Systems ICS843031 Datasheet HTML 8Page - Integrated Circuit Systems ICS843031 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
843031AG
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 29, 2004
4
Integrated
Circuit
Systems, Inc.
ICS843031
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
PRELIMINARY
TYPICAL PHASE NOISE AT 312.5MHZ
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
10
100
1k
10k
100k
1M
10M
100M
312.5MHz
RMS Phase Jitter (Random)
1.875Mhz to 20MHz = 0.50ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding 1
Gigabit Ethernet Filter to raw data
Raw Phase Noise Data
1 Gigabit Ethernet Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com