Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843031 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843031
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843031 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843031 Datasheet HTML 1Page - Integrated Circuit Systems ICS843031 Datasheet HTML 2Page - Integrated Circuit Systems ICS843031 Datasheet HTML 3Page - Integrated Circuit Systems ICS843031 Datasheet HTML 4Page - Integrated Circuit Systems ICS843031 Datasheet HTML 5Page - Integrated Circuit Systems ICS843031 Datasheet HTML 6Page - Integrated Circuit Systems ICS843031 Datasheet HTML 7Page - Integrated Circuit Systems ICS843031 Datasheet HTML 8Page - Integrated Circuit Systems ICS843031 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
843031AG
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 29, 2004
1
Integrated
Circuit
Systems, Inc.
ICS843031
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
PRELIMINARY
GENERAL DESCRIPTION
The ICS843031 is a 1 Gigabit Ethernet Clock
Generator and a member of the HiPerClocksTM
family of high performance devices from ICS. The
ICS843031 can synthesize 1 Gigabit Ethernet,
SONET, or Serial ATA reference clock frequencies
with the appropriate choice of crystal and output divider. The
ICS843031 has excellent phase jitter performance and is
packaged in a small 8-pin TSSOP, making it ideal for use in
systems with limited board space.
FEATURES
• 1 differential 3.3V LVPECL output
• Crystal oscillator interface designed for
18pF parallel resonant crystals
• VCO frequency range: 580MHz - 700MHz
• RMS phase jitter @312.5MHz (1.875MHz - 20MHz):
0.5ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
HiPerClockS™
ICS
ICS843031
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
VCC
XTAL_OUT
XTAL_IN
VEE
1
2
3
4
Q0
nQ0
VCC
OE
8
7
6
5
OSC
Phase
Detector
VCO
÷24
(fixed)
÷2
XTAL_IN
XTAL-OUT
nQ0
Q0
BLOCK DIAGRAM
PIN ASSIGNMENT
FREQUENCY TABLE
OE
s
t
u
p
n
I
)
r
e
i
l
p
i
t
l
u
M
(
o
i
t
a
R
N
/
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
z
H
M
(
)
z
H
M
(
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
C
2
9
.
5
22
14
0
.
1
1
3
6
6
1
4
0
.
6
22
15
.
2
1
3
5
2
6
5
.
6
22
15
7
.
8
1
3
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS843031

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843031-01 IDT-ICS843031-01 Datasheet
304Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843031AG-01 IDT-ICS843031AG-01 Datasheet
304Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843031AG-01LF IDT-ICS843031AG-01LF Datasheet
304Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843031AG-01LFT IDT-ICS843031AG-01LFT Datasheet
304Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
ICS843031AG-01T IDT-ICS843031AG-01T Datasheet
304Kb / 16P
FEMTOCLOCKS??CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
More results

Similar Description - ICS843031

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A DECEMBER 14, 2004
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A OCTOBER 6, 2005
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JANUARY 10, 2006
ICS843021 ICST-ICS843021 Datasheet
189Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. C MARCH 31, 2005
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
843031-01 IDT-843031-01 Datasheet
343Kb / 16P
FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
NV021 IDT-NV021 Datasheet
164Kb / 14P
Femtoclocks Crystal-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
NV021 RENESAS-NV021 Datasheet
354Kb / 15P
Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
January 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com