Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951412 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS951412
Description  System Clock Chip for ATI RS480 K8-based Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951412 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS951412 Datasheet HTML 1Page - Integrated Circuit Systems ICS951412 Datasheet HTML 2Page - Integrated Circuit Systems ICS951412 Datasheet HTML 3Page - Integrated Circuit Systems ICS951412 Datasheet HTML 4Page - Integrated Circuit Systems ICS951412 Datasheet HTML 5Page - Integrated Circuit Systems ICS951412 Datasheet HTML 6Page - Integrated Circuit Systems ICS951412 Datasheet HTML 7Page - Integrated Circuit Systems ICS951412 Datasheet HTML 8Page - Integrated Circuit Systems ICS951412 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ICS951412
0883G—12/08/04
Pin Descriptions
PIN
#
PIN NAME
PIN
TYPE
DESCRIPTION
1
X1
IN
Crystal input, Nominally 14.318MHz.
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD48
PWR
Power pin for the 48MHz output.3.3V
4
USB_48MHz
OUT
48.00MHz USB clock
5
GND
PWR
Ground pin.
6
NC
N/A
No Connection.
7
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
8
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
9
**FS2
IN
Frequency select pin.
10
**CLKREQA#
IN
Output enable for PCI Express (SRC) outputs. SMBus selects which
outputs are controlled.
0 = enabled, 1 = tri-stated
11
**CLKREQB#
IN
Output enable for PCI Express (SRC) outputs. SMBus selects which
outputs are controlled.
0 = enabled, 1 = tri-stated
12
SRCCLKT7
OUT
True clock of differential SRC clock pair.
13
SRCCLKC7
OUT
Complement clock of differential SRC clock pair.
14
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
15
GNDSRC
PWR
Ground pin for the SRC outputs
16
SRCCLKT6
OUT
True clock of differential SRC clock pair.
17
SRCCLKC6
OUT
Complement clock of differential SRC clock pair.
18
SRCCLKT5
OUT
True clock of differential SRC clock pair.
19
SRCCLKC5
OUT
Complement clock of differential SRC clock pair.
20
GNDSRC
PWR
Ground pin for the SRC outputs
21
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
22
SRCCLKT4
OUT
True clock of differential SRC clock pair.
23
SRCCLKC4
OUT
Complement clock of differential SRC clock pair.
24
SRCCLKT3
OUT
True clock of differential SRC clock pair.
25
SRCCLKC3
OUT
Complement clock of differential SRC clock pair.
26
GNDSRC
PWR
Ground pin for the SRC outputs
27
ATIGCLKT1
OUT
True clock of differential SRC clock pair.
28
ATIGCLKC1
OUT
Complementary clock of differential SRC clock pair.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com