Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951412 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS951412
Description  System Clock Chip for ATI RS480 K8-based Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951412 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS951412 Datasheet HTML 1Page - Integrated Circuit Systems ICS951412 Datasheet HTML 2Page - Integrated Circuit Systems ICS951412 Datasheet HTML 3Page - Integrated Circuit Systems ICS951412 Datasheet HTML 4Page - Integrated Circuit Systems ICS951412 Datasheet HTML 5Page - Integrated Circuit Systems ICS951412 Datasheet HTML 6Page - Integrated Circuit Systems ICS951412 Datasheet HTML 7Page - Integrated Circuit Systems ICS951412 Datasheet HTML 8Page - Integrated Circuit Systems ICS951412 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ICS951412
0883G—12/08/04
General Description
The ICS951412 is a main clock synthesizer chip that provides all clocks required for ATI RS480-based systems.
An SMBus interface allows full control of the device.
Skew Characteristics
Parameter
Description
Test Conditons
Skew
Window
Unit
Tsk_CPU_CPU
measured at x-ing of CPU,
250
ps
Tsk_CPU_PCI
measured at x-ing of CPU,
1.5V of PCI clock
2000
ps
Tsk_PCI_PCI
measured between rising
edge at 1.5V
500
ps
Tsk_PCI33-HT66
measured between rising
edge at 1.5V
500
ps
Tsk_CPU_HT66
measured between rising
edge at 1.5V
2000
ps
Tsk_CPU_HT66
measured at x-ing of CPU,
1.5V of PCI clock
500
ps
Tsk_CPU_CPU
measured at x-ing of CPU,
200
ps
Tsk_CPU_PCI
measured at x-ing of CPU,
1.5V of PCI clock
200
ps
Tsk_PCI_PCI
measured between rising
edge at 1.5V
200
ps
Tsk_PCI33-HT66
measured between rising
edge at 1.5V
200
ps
Tsk_CPU_HT66
measured between rising
edge at 1.5V
200
ps
Tsk_CPU_HT66
measured at x-ing of CPU,
1.5V of PCI clock
200
ps
time independent
skew
not dependent on
V, T changes
time variant skew
varies over
V, T changes
Block Diagram
MAIN PLL
PCICLK0
CONTROL
LOGIC
XTAL
OSC.
CPUCLK8(1:0)
FIXED PLL
USB_48MHz
DIVIDER
DIVIDERS
REF(2:0)
HTTCLK0
SRCCLK(7:3,0)
CLKREQA#
SDATA
SCLK
FS(2:0)
CLKREQB#
SEL75#/100
X1
X2
IREF
ATIGCLK(1:0)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com