Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX229AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX229AL
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX229AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX229AL Datasheet HTML 1Page - Sony Corporation ICX229AL Datasheet HTML 2Page - Sony Corporation ICX229AL Datasheet HTML 3Page - Sony Corporation ICX229AL Datasheet HTML 4Page - Sony Corporation ICX229AL Datasheet HTML 5Page - Sony Corporation ICX229AL Datasheet HTML 6Page - Sony Corporation ICX229AL Datasheet HTML 7Page - Sony Corporation ICX229AL Datasheet HTML 8Page - Sony Corporation ICX229AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
– 5 –
ICX229AL
Drive Clock Waveform Conditions
(1) Readout clock waveform
(2) Vertical transfer clock waveform
II
II
100%
90%
10%
0%
VVT
tr
twh
tf
φM
0V
φM
2
V
φ1
V
φ3
V
φ2
V
φ4
VVHH
VVH
VVHL
VVHH
VVHL
VVH1
VVL1
VVLH
VVLL
VVL
VVHH
VVH3
VVHL
VVH
VVHH
VVHL
VVL3
VVL
VVLL
VVLH
VVHH
VVHH
VVH
VVHL
VVHL
VVH2
VVLH
VVL2
VVLL
VVL
VVHH
VVHH
VVHL
VVH4
VVHL
VVH
VVL
VVLH
VVLL
VVL4
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com