Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX229AL Datasheet (PDF) - Sony Corporation

ICX229AL Datasheet PDF - Sony Corporation
Part # ICX229AL
Download  ICX229AL Download
File Size   197.47 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras

ICX229AL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX229AL Datasheet PDF - Sony Corporation

Part # ICX229AL
Download  ICX229AL Click to download

File Size   197.47 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras

ICX229AL Datasheet (HTML) - Sony Corporation


ICX229AL Product details

Description

The ICX229AL is an interline CCD solid-state image sensor suitable for CCIR B/W video cameras. Compared with the current product ICX209AL, smear charactristics are improved drastically and power consumption is reduced. High sensitivity and high saturation signal are achieved by Super HAD CCD technology.

This chip features a field period readout system and an electronic shutter with variable charge-storage time.

The package is a 10mm-square 14-pin DIP (Plastic).



Features

• Low smear (–100dB Typ. at F5.6)

• Low power consumption

(–38% compared with ICX209AL)

• High sensitivity

(+3dB at F1.2 compared with ICX209AL)

• High saturation signal

• Supply voltage 12V

• Horizontal register: 3.3V drive

• Reset gate: 3.3V drive

• No voltage adjustment

(Reset gate and substrate bias are not adjusted.)

• High resolution,low dark current

• Excellent antiblooming characteristics

• Continuous variable-speed shutter

• Recommended range of exit pupil distance: –20 to –100mm




Similar Part No. - ICX229AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX229AK SONY-ICX229AK Datasheet
260Kb / 18P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results


Similar Description - ICX229AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX069AL SONY-ICX069AL Datasheet
229Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX086AL SONY-ICX086AL Datasheet
213Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX087AL SONY-ICX087AL Datasheet
214Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX207AL SONY-ICX207AL Datasheet
218Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX209AL SONY-ICX209AL Datasheet
220Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX279AL SONY-ICX279AL Datasheet
191Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX227AL SONY-ICX227AL Datasheet
204Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX226AL SONY-ICX226AL Datasheet
196Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com