Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX278AL Datasheet (PDF) - Sony Corporation

ICX278AL Datasheet PDF - Sony Corporation
Part # ICX278AL
Download  ICX278AL Download
File Size   190.99 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras

ICX278AL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX278AL Datasheet PDF - Sony Corporation

Part # ICX278AL
Download  ICX278AL Click to download

File Size   190.99 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras

ICX278AL Datasheet (HTML) - Sony Corporation


ICX278AL Product details

Description

The ICX278AL is an interline CCD solid-state image sensor suitable for EIA B/W video cameras with a diagonal 4.5mm (Type 1/4) system. Compared with the current product ICX208AL, basic characteristics such as sensitivity, smear and dynamic range are improved drastically from visible light region to near infrared light region through the adoption of EXview HAD CCDTM technology. This chip features a field period readout system and an electronic shutter with variable charge-storage time. The package is a 10mm-square 14-pin DIP (Plastic).



Features

• Sensitivity in near infrared light region

(+5dB compared with the ICX208AL, λ = 945nm)

• High sensitivity (+6dB compared with the ICX208AL, no IR cut filter)

• Low smear (–20dB compared with the ICX208AL)

• High D range (+2dB compared with the ICX208AL)

• Horizontal register: 3.3 to 5V drive

• Reset gate: 3.3 to 5V drive

• No voltage adjustment (Reset gate and substrate bias are not adjusted.)

• High resolution and low smear

• Excellent antiblooming characteristics

• Continuous variable-speed shutter

• Recommended range of exit pupil distance: –20 to –100mm



Device Structure

• Interline CCD image sensor

• Image size: Diagonal 4.5mm (Type 1/4)

• Number of effective pixels: 768 (H) × 494 (V) approx. 380K pixels

• Total number of pixels: 811 (H) × 508 (V) approx. 410K pixels

• Chip size: 4.43mm (H) × 3.69mm (V)

• Unit cell size: 4.75µm (H) × 5.55µm (V)

• Optical black: Horizontal (H) direction: Front 3 pixels, rear 40 pixels

   Vertical (V) direction : Front 12 pixels, rear 2 pixels

• Number of dummy bits: Horizontal 22

           Vertical 1 (even fields only)

• Substrate material: Silicon




Similar Part No. - ICX278AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX278AK SONY-ICX278AK Datasheet
203Kb / 19P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results


Similar Description - ICX278AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX068AL SONY-ICX068AL Datasheet
229Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX069AL SONY-ICX069AL Datasheet
229Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX086AL SONY-ICX086AL Datasheet
213Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX087AL SONY-ICX087AL Datasheet
214Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX208AL SONY-ICX208AL Datasheet
218Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX209AL SONY-ICX209AL Datasheet
220Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX228AL SONY-ICX228AL Datasheet
196Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX229AL SONY-ICX229AL Datasheet
197Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX226AL SONY-ICX226AL Datasheet
196Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com