Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX086AL Datasheet (PDF) - Sony Corporation

ICX086AL Datasheet PDF - Sony Corporation
Part # ICX086AL
Download  ICX086AL Download
File Size   213.28 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras

ICX086AL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX086AL Datasheet PDF - Sony Corporation

Part # ICX086AL
Download  ICX086AL Click to download

File Size   213.28 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras

ICX086AL Datasheet (HTML) - Sony Corporation


ICX086AL Product details

Description
The ICX086AL is an interline CCD solid-state image sensor suitable for EIA B/W video cameras. High sensitivity is achieved through the adoption of HAD (Hole-Accumulation Diode) sensors.
This chip features a field period readout system and an electronic shutter with variable charge-storage time.
The package is a 10mm-square 14-pin DIP (Plastic).

Features
• High sensitivity and low dark current
• Horizontal register: 3.3 to 5.0V drive
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• Low smear
• Continuous variable-speed shutter




Similar Part No. - ICX086AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX086AL SONY-ICX086AL Datasheet
216Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results


Similar Description - ICX086AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX068AL SONY-ICX068AL Datasheet
229Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX069AL SONY-ICX069AL Datasheet
229Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX087AL SONY-ICX087AL Datasheet
214Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX208AL SONY-ICX208AL Datasheet
218Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX209AL SONY-ICX209AL Datasheet
220Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX228AL SONY-ICX228AL Datasheet
196Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX229AL SONY-ICX229AL Datasheet
197Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX226AL SONY-ICX226AL Datasheet
196Kb / 17P
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com