Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6715MA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6715MA/NOPB
Description  Dual Wideband Video Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6715MA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6715MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LMH6715
SNOSA10C – MAY 2002 – REVISED APRIL 2013
www.ti.com
Frequency Response vs. VOUT
Figure 2.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
Human Body Model
2000V
Machine Model
150V
VCC
±6.75V
IOUT
See(4)
Common-Mode Input Voltage
±VCC
Differential Input Voltage
2.2V
Maximum Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 10 sec)
+300°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical
Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF. Machine model, 0Ω In series with 200pF.
(4)
The maximum output current (IOUT) is determined by device power dissipation limitations. See the POWER DISSIPATION section for
more details.
Operating Ratings
Thermal Resistance
Package
(
θJC)
(
θJA)
SOIC
65°C/W
145°C/W
Operating Temperature Range
−40°C to +85°C
Nominal Operating Voltage
±5V to ±6V
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com