Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6715MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6715MA/NOPB
Description  Dual Wideband Video Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6715MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6715MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LMH6715
SNOSA10C – MAY 2002 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
(TA = 25°C, VCC = ±5V, AV = ±2V/V, RF = 500Ω, RL = 100Ω, unless otherwise specified).
2nd Harmonic Distortion
3rd Harmonic Distortion
vs.
vs.
Output Voltage
Output Voltage
Figure 22.
Figure 23.
Closed Loop Output Resistance
PSRR & CMRR
Figure 24.
Figure 25.
Suggested RS
vs.
CL
Figure 26.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com