Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS042G Datasheet(PDF) 4 Page - International Rectifier

Part # IPS042G
Description  DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS042G Datasheet(HTML) 4 Page - International Rectifier

  IPS042G Datasheet HTML 1Page - International Rectifier IPS042G Datasheet HTML 2Page - International Rectifier IPS042G Datasheet HTML 3Page - International Rectifier IPS042G Datasheet HTML 4Page - International Rectifier IPS042G Datasheet HTML 5Page - International Rectifier IPS042G Datasheet HTML 6Page - International Rectifier IPS042G Datasheet HTML 7Page - International Rectifier IPS042G Datasheet HTML 8Page - International Rectifier IPS042G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IPS042G
4
www.irf.com
Lead Assignments
8 Lead SOIC
1
S1
In1
S2 In2
D1
D1
D2 D2
Functional Block Diagram
All values are typical
IN
DRAIN
SOURCE
8.1 V
80
µA
47 V
I sense
200 k
Ω
4000
Ω
S
Q
R
Q
T > 165°c
I > 1sd



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com