Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS042G Datasheet(PDF) 8 Page - International Rectifier

Part # IPS042G
Description  DUAL FULLY PROTECTED POWER MOSFET SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS042G Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS042G Datasheet HTML 2Page - International Rectifier IPS042G Datasheet HTML 3Page - International Rectifier IPS042G Datasheet HTML 4Page - International Rectifier IPS042G Datasheet HTML 5Page - International Rectifier IPS042G Datasheet HTML 6Page - International Rectifier IPS042G Datasheet HTML 7Page - International Rectifier IPS042G Datasheet HTML 8Page - International Rectifier IPS042G Datasheet HTML 9Page - International Rectifier IPS042G Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IPS042G
8
www.irf.com
Figure 13 - Max.Cont. Ids (A) Vs
Amb. Temperature (oC)
Figure 15 - Iclamp (A) Vs Inductive Load (mH)
Figure 16 - Transient Thermal Imped. (oC/W)
Vs Time (s)
0
1
2
3
-50
0
50
100
150
200
Std. footprint 127°C/W
1
m osfet on
Std. footprint 100°C/W
2
m osfet on
Figure 14 - Ids (A) Vs Protection Resp. Time (s)
0.1
1
10
T=25°C Std. footprint
T=100°C Std footprint
Current path capability should
be above this curve
Load characteristic should
be underneath this curve
1 mosfet is on
Load characteristic should
be below this curve
0.1
1
10
0.01
0.1
1
10
100
single pulse
1000 Hz rth=100°C/W dT=25°C
10kHz
rth=100°C/W dT=25°C
Vbat = 14 V
Tjini = T sd
all curves for 1 mosfet active
0.1
1
10
10 0
rth 1 mosfet active
rth 2 mosfets active
Single pulse



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com