Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP303ADRLR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP303ADRLR
Description  Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303ADRLR Datasheet(HTML) 3 Page - Texas Instruments

  TMP303ADRLR Datasheet HTML 1Page - Texas Instruments TMP303ADRLR Datasheet HTML 2Page - Texas Instruments TMP303ADRLR Datasheet HTML 3Page - Texas Instruments TMP303ADRLR Datasheet HTML 4Page - Texas Instruments TMP303ADRLR Datasheet HTML 5Page - Texas Instruments TMP303ADRLR Datasheet HTML 6Page - Texas Instruments TMP303ADRLR Datasheet HTML 7Page - Texas Instruments TMP303ADRLR Datasheet HTML 8Page - Texas Instruments TMP303ADRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
6
5
4
V
S
SOH
HYST
SET0
HYST
SET1
GND
OUT
3
TMP303
www.ti.com
SBOS486G – JULY 2009 – REVISED JULY 2017
Product Folder Links: TMP303
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Changes from Revision A (September 2009) to Revision B
Page
•
Added TMP303B device to data sheet................................................................................................................................... 1
(1)
Contact a TI representative for other trip points.
5 Device Options
DEVICE
TRIP POINTS (°C)
TMP303A
TL = 0, TH = 60
(1)
TMP303B
TL = 0, TH = 55
(1)
TMP303C
TL = -20, TH = 60
(1)
TMP303D
TL = -15, TH = 125
(1)
TMP303E
TL = 0, TH = 70
(1)
TMP303F
TL = 0, TH = 80
(1)
TMP303G
TL = 0, TH = 90
(1)
6 Pin Configuration and Functions
DRL Package
6-Pin SOT-563
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
HYSTSET0
1
Digital Input
This pin is used to set the amount of thermal hysteresis.
GND
2
Ground
Ground
OUT
3
Digital Output Active high, push-pull output pin. Does not require a pullup resistor to VS.
SOH
4
Digital Input
Set output high (SOH) pin. If the SOH pin is pulled high, the TMP303 forces the output high.
If the SOH pin is grounded or left floating, this pin has no effect on the behavior of the
TMP303.
VS
5
Power
Supply
Power supply
HYSTSET1
6
Digital Input
This pin is used to set the amount of thermal hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com