Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP303ADRLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP303ADRLR
Description  Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303ADRLR Datasheet(HTML) 5 Page - Texas Instruments

  TMP303ADRLR Datasheet HTML 1Page - Texas Instruments TMP303ADRLR Datasheet HTML 2Page - Texas Instruments TMP303ADRLR Datasheet HTML 3Page - Texas Instruments TMP303ADRLR Datasheet HTML 4Page - Texas Instruments TMP303ADRLR Datasheet HTML 5Page - Texas Instruments TMP303ADRLR Datasheet HTML 6Page - Texas Instruments TMP303ADRLR Datasheet HTML 7Page - Texas Instruments TMP303ADRLR Datasheet HTML 8Page - Texas Instruments TMP303ADRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
TMP303
www.ti.com
SBOS486G – JULY 2009 – REVISED JULY 2017
Product Folder Links: TMP303
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
(1)
100% of all units are production tested at TA = 25°C. Over temperature specifications are specified by design.
(2)
TL, TH are device-specific. For example, TMP303A TL = 0°C, TH = 60°C; TMP303B TL = 0°C, TH = 55°C; TMP303C TL = –20°C, TH =
60°C; TMP303D TL = –15°C, TH = 125°C; TMP303E TL = 0°C, TH = 70°C; TMP303F TL = 0°C, TH = 80°C; TMP303G TL = 0°C, TH =
90°C
7.5 Electrical Characteristics
At TA = –40°C to 125°C and VS = 1.4 V to 3.6 V, unless otherwise noted.
(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
TL, TH Trip Point Accuracy
(2)
TA = 55°C to 60°C, VS = 3.3 V
±0.2
±1
°C
TA = -20 to 60°C, VS = 1.4 V to 3.6 V
±0.2
±1.5
TA = 60 to 125°C, VS = 1.4 V to 3.6 V
±0.2
±2.0
vs Supply
±0.1
°C/V
Hysteresis
See Bit Setting vs Hysteresis Window
1
10
°C
HYSTERESIS SET INPUT
Input Logic Levels
VIH
0.7 × VS
3.6
V
VIL
–0.5
0.3 × VS
Input Current
IIN
0 < VIN < 3.6 V
1
μA
SOH INPUT
Pulldown Resistor Value
80
100
120
kΩ
Input Logic Levels
VIH
0.7 × VS
3.6
V
VIL
–0.5
0.3 × VS
Input Current
VIN = 3.6 V
36
μA
OUTPUT
Output Logic Levels
VOH
VS > 2 V, IOH = 0.5 mA
VS – 0.4
VS
V
VS < 2 V, IOH = 0.5 mA
VS – 0.2 × (VS)
VS
VOL
VS > 2 V, IOL = 1 mA
0
0.4
VS < 2 V, IOL = 1 mA
0
0.2 × VS
POWER SUPPLY
Specified Supply
Voltage Range
VS
1.4
3.6
V
Power-up Start-up
Time
VS > 1.4 V
20
28
35
ms
Quiescent Current
IQ
TA = –55°C to 60°C
3.5
5
μA
TA = –40°C to 125°C
4
8
TEMPERATURE RANGE
Specified Range
–40
125
°C
Operating Range
–55
130
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com