Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB546AI-DCI Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB546AI-DCI
Description  USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB546AI-DCI Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB546AI-DCI Datasheet HTML 4Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 5Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 6Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 7Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 8Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 9Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 10Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 11Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
TUSB546A-DCI
SLLSF14 – JUNE 2017
www.ti.com
Product Folder Links: TUSB546A-DCI
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
AC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fLF
Low frequency cutoff
200 mVPP< VID < 2000 mVPP
20
50
kHz
TX output deterministic jitter
200 mVPP < VID < 2000 mVPP, PRBS7,
5 Gbps
0.05
UIpp
200 mVPP < VID < 2000 mVPP, PRBS7,
8.1 Gbps
0.08
UIpp
TX output total jitter
200 mVPP < VID < 2000 mVPP, PRBS7,
5 Gbps
0.08
UIpp
200 mVPP < VID < 2000 mVPP, PRBS7,
8.1 Gbps
0.135
UIpp
DisplayPort Receiver (DP[3:0]p or DP[3:0]n)
VID(PP)
Peak-to-peak input differential dynamic voltage range
2000
V
VIC
Input common mode voltage
0
V
C(AC)
AC coupling capacitance
75
200
nF
EQ(DP)
Receiver equalization
DPEQ[1:0] at 4.05 GHz
14
dB
dR
Data rate
HBR3
8.1
Gbps
R(ti)
Input termination resistance
80
100
120
Ω
DisplayPort Transmitter (TX1p or TX1n, TX2p or TX2n, RX1p or RX1n, RX2p or RX2n)
ITX(SHORT)
TX short circuit current
TX± shorted to GND
67
mA
VTX(DC-CM)
Common-mode voltage bias in the transmitter (DC)
1.75
V
AUXp or AUXn and SBU1 or SBU2
RON
Output ON resistance
VCC = 3.3V; VI = 0 to 0.4 V for AUXp;
VI = 2.7 V to 3.6 V for AUXn
5
10
Ω
ΔRON
ON resistance mismatch within pair
VCC = 3.3 V; VI = 0 to 0.4 V for AUXP;
VI = 2.7 V to 3.6 V for AUXN
2.5
Ω
RON(FLAT)
ON resistance flatness (RON max –
RON min) measured at identical VCC
and temperature
VCC = 3.3 V; VI = 0 to 0.4 V for AUXp;
VI = 2.7 V to 3.6 V for AUXn
2
Ω
V(AUXP_DC_CM)
AUX Channel DC common mode
voltage for AUXp and SBU1.
VCC = 3.3 V
0
0.4
V
V(AUXN_DC_CM)
AUX Channel DC common mode
voltage for AUXn and SBU2
VCC = 3.3 V
2.7
3.6
V
C(AUX_ON)
ON-state capacitance
VCC = 3.3 V; CTL1 = 1; VI = 0 V
or 3.3 V
4
7
pF
C(AUX_OFF)
OFF-state capacitance
VCC = 3.3 V; CTL1 = 0; VI = 0 V
or 3.3 V
3
6
pF
6.8 DCI Specific Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DCI_CLK and DCI_DAT LVCMOS Outputs
VOL
Low-Level output voltage
VCC = 3 V; IOL = 2 mA; CL = 10 pF
0.45
V
VOH
High-Level output voltage
VCC = 3 V; IOL = –2 mA;
2.4
V
RDCI
Output characteristic impedance
21
25
33
Ω
tPERIOD
DCI Clock period
Measured at 50%
6.67
ns
tVALID
Rising edge of DCI clock to DCI
data valid
1
ns
tDCI_RISE
DCI output rise time
Measured at 20% to 80%.
350
ps
tDCI_FALL
DCI output fall time
Measured at 80% to 20%
350
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com