Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB546AI-DCI Datasheet(PDF) 12 Page - Texas Instruments

Part # TUSB546AI-DCI
Description  USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB546AI-DCI Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB546AI-DCI Datasheet HTML 8Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 9Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 10Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 11Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 12Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 13Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 14Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 15Page - Texas Instruments TUSB546AI-DCI Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
IN
OUT
TDIFF_DLY
TDIFF_DLY
CTL0 pin
CTL1 pin
4us
(min)
tBUF
tHDSTA
tR
tLOW
tHDDAT
tHIGH
tF
tSUDAT
tSUSTA
tHDSTA
tSUSTO
P
S
S
P
SDA
SCL
30%
70%
30%
70%
12
TUSB546A-DCI
SLLSF14 – JUNE 2017
www.ti.com
Product Folder Links: TUSB546A-DCI
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 11. I2C Timing Diagram Definitions
Figure 12. USB3.1 to 4-Lane DisplayPort in GPIO Mode
Figure 13. Propagation Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com