Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-195URL-IR-R1-CT Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LG-195URL-IR-R1-CT
Description  Package in 8.0mm carrier tape on 7" diameter reel.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-195URL-IR-R1-CT Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LG-195URL-IR-R1-CT Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings at Ta=25 ℃
Page 3/12
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LG-195URL/IR-R1-CT
Typical Electrical & Optical Characteristics (Ta=25 °C)
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2.The luminous intensity data did not including ±15% testing tolerance.
Viewing Angle
Spectral Line Half-Width
Peak Wavelength
Forward Voltage
Operating Temperature
Items
Parameter
Forward Current
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
2θ 1/2
----
----
----
----
140
140
deg
IF=20mA
----
VF
△λ
----
1.5
1.2
λP
IR
----
----
20
----
----
2.4
1.6
50
----
----
nm
V
----
----
940
660
nm
Symbol
Min.
Tstg
Topr
Max.
Typ.
UNIT
- 40 ~ + 85
- 40 ~ + 85
IF=20mA
IF=20mA
IF=20mA
CONDITION
℃
℃
IR
Symbol
PD
Ir
IFP
IF
10
----
----
80
URL
40
120
50
----
Ratings
UNIT
μA
mW
mA
mA
URL
IR
IR
URL
IR
URL
IR
URL
Electrostatic Discharge
ESD
2000
V
Peak Forward Current
(300PPS,10
μs Pulse)
IFP
1A
Luminous Intensity
----
URL
IV
mcd
IF=20mA
0.65
1.0
----
80
150
Storage Temperature
96
λD
Dominant Wavelength
nm
IF=20mA
IR
URL
----
----
643
----
----
----
Radiant Intensity
Po
mW/sr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com