Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-195URL-IR-R1-CT Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LG-195URL-IR-R1-CT
Description  Package in 8.0mm carrier tape on 7" diameter reel.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-195URL-IR-R1-CT Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LG-195URL-IR-R1-CT Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-195URL-IR-R1-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Features:
1. Package in 8.0mm carrier tape on 7" diameter reel.
2. Compatible with automatic placement equipment.
3. Compatible with infrared and vapor phase reflow solder process.
Descriptions:
1. The LG-195 SMD Taping is much smaller than
lead frame type components, thus enable smaller
board size, higher packing density, reduced storage
space and finally smaller equipment to be obtained.
2. Besides, lightweight makes them ideal for miniature
applications. etc.
Applications:
1. Automotive : backlighting in dashboard and switch.
2. Telecommunication : indicator and backlighting in telephone and fax.
3. Flat backlight for LCD, switch and symbol
4. General use.
Device Selection Guide:
LG-195URL/IR-R1-CT
COLOR
MATERIAL
PART NO
Emitted
Water Clear
Lens
PART NO. LG-195URL/IR-R1-CT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 1/12
AlGaInP
Infrared
Red
GaAlAs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com