Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25AF25X Datasheet(PDF) 49 Page - Switchcraft, Inc.

Part # 25AF25X
Description  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X Datasheet(HTML) 49 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 45Page - Switchcraft, Inc. 25AF25X Datasheet HTML 46Page - Switchcraft, Inc. 25AF25X Datasheet HTML 47Page - Switchcraft, Inc. 25AF25X Datasheet HTML 48Page - Switchcraft, Inc. 25AF25X Datasheet HTML 49Page - Switchcraft, Inc. 25AF25X Datasheet HTML 50Page - Switchcraft, Inc. 25AF25X Datasheet HTML 51Page - Switchcraft, Inc. 25AF25X Datasheet HTML 52Page - Switchcraft, Inc. 25AF25X Datasheet HTML 53Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
CONNECTORS
48 Q-G® Audio Connector Series
J, K, P, R, T Wallplate, Gooseneck, Panel & Cord Style Series
Ordering Information
Pins/
Part Number
Style
Finish
Contacts
Notes
J3FS
Wallplate
Nickel
Silver
Single D3F
K3FS
Wallplate
Nickel
Silver
Dual D3F’s
P*F, P*M
Gooseneck
Nickel
Silver
Female ext. threads,
male int.threads
P*FB, P*MB
Gooseneck
Black
Silver
Female ext. threads,
male int.threads
PD3FSC1, PD3MSC1
Panel
Black
Silver
Plastic Housing
PD3FSC1AU, PD3MSC1AU Panel
Black
Gold
Plastic Housing
R*FZ, R*MZ
Cord
Nickel
Silver
Right Angle
R*FBZ, R*MBZ
Cord
Black
Silver
Right Angle
R*FBAUZ, R*MBAUZ
Cord
Black
Gold
Right Angle
T3F
Cord
Nickel
Silver
On-off switch
* Available 3 - 7 pins or contacts
The J and K Series are wallplates
using the D Series receptacles
pre-mounted. Available in single or
dual connector versions.
The PD Series is a plastic panel
mount series, using 94V-0 rated
material. Both male and female
mount into the same panel cut-out
and are available in solder cup,
straight PC, and right angle PC
terminals.
Switchcraft also offers gooseneck
connectors and cord plugs with
on-off switches. The P Series are
gooseneck connectors available in
male or female, with optional black
finishes. The male has external
5/8-27 threads, the female has internal
5/8-27 threads.
The new R Series incorporates
the same strain relief system as the
AAA Series. The insert can be offset
at 45˚ to accommodate a wide variety
of applications.
The T Series is similar to the
A Series female cord plug, but
offers a DPDT (2-C) locking on-off
switch. The slide switch is rated at
500mA, 125V.
See Pages 58 and 59 for Mechanical Drawings
K3FS
J3FS
PD3FSC1
P*M
R*M
P*F
T3F
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com