Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25AF25X Datasheet(PDF) 86 Page - Switchcraft, Inc.

Part # 25AF25X
Description  Pro Audio & Broadcast Catalog
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

25AF25X Datasheet(HTML) 86 Page - Switchcraft, Inc.

Back Button 25AF25X Datasheet HTML 82Page - Switchcraft, Inc. 25AF25X Datasheet HTML 83Page - Switchcraft, Inc. 25AF25X Datasheet HTML 84Page - Switchcraft, Inc. 25AF25X Datasheet HTML 85Page - Switchcraft, Inc. 25AF25X Datasheet HTML 86Page - Switchcraft, Inc. 25AF25X Datasheet HTML 87Page - Switchcraft, Inc. 25AF25X Datasheet HTML 88Page - Switchcraft, Inc. 25AF25X Datasheet HTML 89Page - Switchcraft, Inc. 25AF25X Datasheet HTML 90Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
JACKS & PLUGS
85
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
Plug Series
Tini, Micro, 3.5mm Stereo, Right Angle 3.5mm Stereo, Phono,
Right Angle Phono Plugs Series
Switchcraft offers a wide variety
of Tini, Micro, 3.5mm, and RCA or
Phono plugs. Tini plugs are 2
conductor plugs with plug finger
diameters of .141" or 3.57mm.
Micro plugs are 2 conductor plugs
with plug finger diameters of .097"
or 2.47mm. Our 35HD Series are
true 3.5mm plugs, available in both
straight and right angle versions;
and available only in 3 conductor.
The RCA or Phono plugs come with
either hollow pins or solid pins. The
3502 offers hollow pins and stan-
dard size handle, the 3502L offers
the same pin, but with a larger han-
dle, accommodating cables up to
.290". The 3502A and 3502RA
Series offer solid pins and the larger
cable clamps and handles. The 3558
Series offers a low cost alternative,
with hollow pins and plastic handles.
Specifications
Mechanical
Life rating: 5,000 insertion/
withdrawals
Insertion/Withdrawal Force: 1 lb
(depending on mating jack)
Electrical
Insulation Resistance:
> 100 megohms
Dielectric Withstanding Voltage:
250 VAC
Environmental
Thermal Range: -55˚C to +85˚C
(non operating); -20˚C to 65˚C
(operating)
Thermal Shock: Mil-Std 202,
method 107
Humidity: Mil-Std 202,
method 106
Salt Spray: Mil-Std 202,
method 101
(continued on next page)
750
850
851
3502ABAU
3502
3502RA
35HDBAU
35HDNN
35581
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com