Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29028 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD29028
Description  Dual CCD Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29028 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD29028 Datasheet HTML 4Page - Renesas Technology Corp HD29028 Datasheet HTML 5Page - Renesas Technology Corp HD29028 Datasheet HTML 6Page - Renesas Technology Corp HD29028 Datasheet HTML 7Page - Renesas Technology Corp HD29028 Datasheet HTML 8Page - Renesas Technology Corp HD29028 Datasheet HTML 9Page - Renesas Technology Corp HD29028 Datasheet HTML 10Page - Renesas Technology Corp HD29028 Datasheet HTML 11Page - Renesas Technology Corp HD29028 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HD29026A/29027/29028
6
スイッチング特性
項 目
記号
Min
Typ
Max
単位
測定条件
伝搬遅延時間 HD29026A
t
PHL
—
16
20
ns
C
L = 1000 pF
V
CC = 8 V
—
11
15
V
CC = 12 V
HD29027
—
10
15
V
CC = 6 V
HD29028
—
10
15
V
CC = 9 V
—
813
V
CC = 12 V
HD29026A
t
PLH
—
18
25
ns
C
L = 1000 pF
V
CC = 8 V
—
13
20
V
CC = 12 V
HD29027
—
10
15
V
CC = 6 V
HD29028
—
10
15
V
CC = 9 V
—
813
V
CC = 12 V
立下り時間
HD29026A
t
THL
—
17
21
ns
C
L = 250 pF
V
CC = 8 V
—
12
16
V
CC = 12 V
—
20
23
C
L = 500 pF
V
CC = 8 V
—
15
18
V
CC = 12 V
—
25
40
C
L = 1000 pF
V
CC = 8 V
—
20
35
V
CC = 12 V
HD29027
—
914
C
L = 250 pF
V
CC = 6 V
—
12
17
C
L = 500 pF
—
20
25
C
L = 1000 pF
HD29028
—
914
C
L = 250 pF
V
CC = 9 V
—
712
V
CC = 12 V
—
12
17
C
L = 500 pF
V
CC = 9 V
—
10
15
V
CC = 12 V
—
20
25
C
L = 1000 pF
V
CC = 9 V
—
18
23
V
CC = 12 V
立上り時間
HD29026A
t
TLH
—
15
20
ns
C
L = 250 pF
V
CC = 8 V
—
10
15
V
CC = 12 V
—
21
25
C
L = 500 pF
V
CC = 8 V
—
16
20
V
CC = 12 V
—
22
30
C
L = 1000 pF
V
CC = 8 V
—
17
25
V
CC = 12 V
HD29027
—
914
C
L = 250 pF
V
CC = 6 V
—
12
17
C
L = 500 pF
—
20
25
C
L = 1000 pF
HD29028
—
914
C
L = 250 pF
V
CC = 9 V
—
712
V
CC = 12 V
—
12
17
C
L = 500 pF
V
CC = 9 V
—
10
15
V
CC = 12 V
—
20
25
C
L = 1000 pF
V
CC = 9 V
—
18
23
V
CC = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com