Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29028 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD29028
Description  Dual CCD Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29028 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD29028 Datasheet HTML 9Page - Renesas Technology Corp HD29028 Datasheet HTML 10Page - Renesas Technology Corp HD29028 Datasheet HTML 11Page - Renesas Technology Corp HD29028 Datasheet HTML 12Page - Renesas Technology Corp HD29028 Datasheet HTML 13Page - Renesas Technology Corp HD29028 Datasheet HTML 14Page - Renesas Technology Corp HD29028 Datasheet HTML 15Page - Renesas Technology Corp HD29028 Datasheet HTML 16Page - Renesas Technology Corp HD29028 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
HD29026A/29027/29028
11
出力タイミング波形写真(C
L = 500 pF, f = 1 MHz)
HD29028
2 V / div
10 ns / div
GND
入力
出力
V
= 9 V
CC
GND
2 V / div
10 ns / div
入力
出力
V
= 12 V
CC
GND
GND
5 V / div
10 ns / div
入力
出力
電源電流 対 動作周波数依存性
HD29028
100
80
60
動作周波数  (MH )
Z
電
源
電
流
(mA)
T = 25
a
℃
0.2
0.5 1.0
2
5
10
0
V
= 9 V
CC
1回路動作
動作周波数  (MH )
Z
電
源
電
流
(mA)
T = 25
a
℃
0.2
0.5 1.0
2
5
10
V
= 9 V
CC
2回路動作
C = 1000 pF
L
0 pF
0.1
0.1
40
20
100
80
60
0
40
20
C = 1000 pF
L
250 pF
500 pF
0 pF
250 pF
500 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com