Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC201DC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # JC201DC
Description  AC Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JC201DC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  JC201DC Datasheet HTML 1Page - List of Unclassifed Manufacturers JC201DC Datasheet HTML 2Page - List of Unclassifed Manufacturers JC201DC Datasheet HTML 3Page - List of Unclassifed Manufacturers JC201DC Datasheet HTML 4Page - List of Unclassifed Manufacturers JC201DC Datasheet HTML 5Page - List of Unclassifed Manufacturers JC201DC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
183
http://www.jelsystem.co.jp
E-mail:ssr@jelsystem.co.jp
※本カタログの掲載内容については改良等の為変更する場合があります。ご使用に際しては、納入仕様書等でご確認ください。
※不明な点は弊社までお問い合わせください。
JC201DN, JC201DC
0
0.5
1.0
1.5
1.2
1.0
0.8
0.6
0.4
0.2
0
オン電流−オン電圧特性
オン電圧 Vt〔V〕
On State Voltage Drop
On State Load Current VS.
On State Voltage Drop
オ
ン
電
流
IT
〔A〕
(代表値)
IF=20mA
Ta=25℃
10
20
30
40 50
100
40
20
50
100
30
10
ターンオン時間−順電流特性
順電流 IF〔mA〕
Forward Current
タ
ー
ン
オ
ン
時
間
ton
〔μs〕
(JC201DC)
(代表値)
VD=6V
RL=100Ω
Ta=25℃
Turn On Time VS. Forward Current
10
20
30
40 50
100
40
50
100
200
30
20
ターンオン時間−順電流特性
順電流 IF〔mA〕
Forward Current
タ
ー
ン
オ
ン
時
間
ton
〔μs〕
(JC201DN)
(代表値)
VD=6V
RL=100Ω
Ta=25℃
Turn On Time VS. Forward Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com