Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC201DN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JC201DN
Description  AC Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JC201DN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JC201DN Datasheet HTML 1Page - List of Unclassifed Manufacturers JC201DN Datasheet HTML 2Page - List of Unclassifed Manufacturers JC201DN Datasheet HTML 3Page - List of Unclassifed Manufacturers JC201DN Datasheet HTML 4Page - List of Unclassifed Manufacturers JC201DN Datasheet HTML 5Page - List of Unclassifed Manufacturers JC201DN Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
181
http://www.jelsystem.co.jp
E-mail:ssr@jelsystem.co.jp
※本カタログの掲載内容については改良等の為変更する場合があります。ご使用に際しては、納入仕様書等でご確認ください。
※不明な点は弊社までお問い合わせください。
JC201DN, JC201DC
−25
0
25
50 55
85
75
100
80
60
70
50
40
30
20
10
0
順電流低減曲線
周囲温度 Ta〔℃〕
Ambient Temperature
Forward Current VS.
Ambient Temperature
順
電
流
IF
〔mA〕
0
0.5
1.0
1.5
2.0
2.5
3.0
200
100
50
20
10
5
2
1
順電流−順電圧特性
順電圧 VF〔V〕
Forward Voltage
Forward Current VS.
Forward Voltage
順
電
流
IF
〔mA〕
(代表値)
TA=75℃ 50℃ 25℃ 0℃ −25℃
−30
0
20
40
60
80
100
12
10
8
6
4
2
0
最小トリガ電流−周囲温度特性
周囲温度 Ta〔℃〕
Ambient Temperature
Minimum Trigger Current VS.
Ambient Temperature
最
小
ト
リ
ガ
電
流
IFT
〔mA〕
(JC201DC)
(代表値)
VD=6V
RL=100Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com