Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC201DN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JC201DN
Description  AC Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JC201DN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JC201DN Datasheet HTML 1Page - List of Unclassifed Manufacturers JC201DN Datasheet HTML 2Page - List of Unclassifed Manufacturers JC201DN Datasheet HTML 3Page - List of Unclassifed Manufacturers JC201DN Datasheet HTML 4Page - List of Unclassifed Manufacturers JC201DN Datasheet HTML 5Page - List of Unclassifed Manufacturers JC201DN Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
178
Tope Co., Ltd.
Tel: (02) 8228-0658
Fax: (02) 8228-0659
http://www.sensor.com.tw e-mail: tope@ms1.hinet.net
※本カタログの掲載内容については改良等の為変更する場合があります。ご使用に際しては、納入仕様書等でご確認ください。
※不明な点は弊社までお問い合わせください。
JC201DN, JC201DC
JC
−25
0
25
50
40
85
75
100
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
実効オン電流低減曲線
周囲温度 Ta〔℃〕
Ambient Temperature
On State Load Current VS.
Ambient Temperature
実
効
オ
ン
電
流
IT
〔Arms〕
特 長
負荷電流特性
●
普及型(小型 16 ピンデュアルインライン
パッケージ)
●
入出力間絶縁耐圧 VISO = 4,000Vrms
SERIES
AC Solid State Relay
JC201DC
ゼロクロス回路
C :ゼロクロスあり
N :ゼロクロスなし
基準電源電圧
2 : 100V、200V ライン
実効オン電流
1 : 1.2A
型式構成


Similar Part No. - JC201DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JC202PC1 ETC1-JC202PC1 Datasheet
66Kb / 4P
AC Solid State Relay
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
JC202PN1 ETC1-JC202PN1 Datasheet
66Kb / 4P
AC Solid State Relay
JC202PN2 ETC1-JC202PN2 Datasheet
66Kb / 4P
AC Solid State Relay
JC208C ETC1-JC208C Datasheet
137Kb / 6P
AC Solid State Relay
More results

Similar Description - JC201DN

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
AC SOLID STATE RELAY
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
AC Solid State Relay
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
AC Solid State Relay
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
AC Solid State Relay
logo
Solid State Optronic
STR8042 SSOUSA-STR8042 Datasheet
373Kb / 8P
AC Solid State Relay
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
AC Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
AC Solid-State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com