Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L258 Datasheet(PDF) 3 Page - IXYS Corporation

Part # L258
Description  Converter - Brake - Inverter Module (CBI1)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L258 Datasheet(HTML) 3 Page - IXYS Corporation

  L258 Datasheet HTML 1Page - IXYS Corporation L258 Datasheet HTML 2Page - IXYS Corporation L258 Datasheet HTML 3Page - IXYS Corporation L258 Datasheet HTML 4Page - IXYS Corporation L258 Datasheet HTML 5Page - IXYS Corporation L258 Datasheet HTML 6Page - IXYS Corporation L258 Datasheet HTML 7Page - IXYS Corporation L258 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2000 IXYS All rights reserved
3 - 8
MUBW 20-06 A6
Brake Chopper T7, D7
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C
600
V
V
CGR
T
VJ = 25°C; RGE = 20k
W
600
V
V
GE
T
VJ = 25°C
±20
V
I
C
T
C =
25°C
11
A
T
C =
90°C
8
A
I
CM
t
p = 1 ms = 1% duty cycle;
T
C = 25°C
22
A
T
C = 90°C
16
A
t
SC
IGBT V
CE = 600 V; TVJ = 125°C
non-repetitive
10
µs
P
tot
T
C = 25°C
45
W
T
VJ
Free-Wheeling Diode
+150
°C
T
VJ
IGBT
+150
°C
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
I
CES
V
GE = 0 V; VCE = 600 V
20
µA
I
GES
V
CE = 0 V; VGE = 25 V
100
nA
V
GE(th)
V
GE = VCE; IC = 0.5 mA
3
4
5
V
V
(BR)CES
V
GE = 0 V; IC = 0.5 mA; TVJ = -40°C
600
V
V
CE(sat)
V
GE = 15 V; IC = 6 A;
T
VJ =
25°C
2
2.5
V
T
VJ = 150°C
2.3
2.8
V
t
f
75
110
ns
t
r
30
45
ns
t
d(on)
50
80
ns
t
d(off)
250
375
ns
E
off
0.21
mJ
E
on
0.25
mJ
C
iss
350
435
pF
C
oss
40
50
pF
C
rss
25
30
pF
g
fs
V
CE = 20 V; IC = 6 A
4.2
S
Q
g
V
CC = 400 V; IC = 6 A pulse; VGE = 15 V
32.5
nC
V
F
I
F = 10 A; VGE = 0 V;
T
VJ =
25°C
2
V
T
VJ = 150°C
1.8
V
t
rr
I
F = 10 A; VR = -300 V; VGE = 0 V
0.2
µs
di
F/dt = -350 A/µs; TVJ = 150°C
Q
r
I
F = 10 A; VR = -300 V;
T
VJ =
25°C
0.3
µC
di
F/dt = -350 A/µs; VGE= 0 V; TVJ = 125°C
0.9
µC
I
r
250
µA
R
thJC
IGBT
(per die)
2.3
°C/W
Diode
(per die)
2.3
°C/W
Inductive load, T
VJ = 150°C
V
CC = 400 V; IC = 6 A
R
G = 50 W; VGE =
±15 V
V
GE = 0 V
V
CE = 25 V
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com