Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L258 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L258
Description  Converter - Brake - Inverter Module (CBI1)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L258 Datasheet(HTML) 1 Page - IXYS Corporation

  L258 Datasheet HTML 1Page - IXYS Corporation L258 Datasheet HTML 2Page - IXYS Corporation L258 Datasheet HTML 3Page - IXYS Corporation L258 Datasheet HTML 4Page - IXYS Corporation L258 Datasheet HTML 5Page - IXYS Corporation L258 Datasheet HTML 6Page - IXYS Corporation L258 Datasheet HTML 7Page - IXYS Corporation L258 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 IXYS All rights reserved
1 - 8
Rectifier
Brake
Inverter
V
RRM
= 1200V
V
CES
= 600 V
V
CES
= 600 V
I
FAVM
= 11 A
I
C25
= 11 A
I
C25
= 23 A
I
FSM
= 250 A
V
CE(sat) = 2 V
V
CE(sat) = 2.1 V
MUBW 20-06 A6
Converter - Brake - Inverter Module (CBI1)
Features
q
NPT IGBT technology
Square RBSOA, no latchup
q
Free wheeling diodes with Hiperfast
and soft recovery behaviour
q
Isolation voltage 2500 V~
q
Built in temperature sense
q
High level of integration:
one module for complete drive
system
q
Direct Copper Bonded Al
2O3 ceramic
base plate
Applications
q
AC motor control
q
AC servo and robot drives
Advantages
q
No need of external isolation
q
Easy to mount with two screws
q
Package designed for wave
soldering
q
High temperature and power cycling
capability
Input Rectifier Bridge D8 - D13
Symbol
Conditions
Maximum Ratings
V
RRM
1200
V
I
F
T
VJ = 25°C
36
A
I
FAVM
T
VJ = 150°C; TK = 70°C
11
A
I
FSM
T
VJ = 45°C; t = 10 ms sine 50 Hz
250
A
i²t
T
VJ = 125°C
310
A²s
T
VJ
+150
°C
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
I
R
V
RRM = 1200 V; TVJ =
25°C
10
µA
T
VJ = 125°C
3
mA
V
F
I
F = 36 A
1.15
1.4
V
R
thJC
per die
1.4
°C/W
IXYS reserves the right to change limits, test conditions and dimensions.


Similar Part No. - L258

ManufacturerPart #DatasheetDescription
logo
Powerbox
L25 POWERBOX-L25 Datasheet
646Kb / 1P
1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Ohmite Mfg. Co.
L25 OHMITE-L25 Datasheet
385Kb / 2P
Flame resistant coating
logo
Sensata Technologies, I...
L25 SENSATA-L25 Datasheet
270Kb / 5P
INCREMENTAL OPTICAL ENCODER
logo
Nippon Pulse America, I...
L250 NPM-L250 Datasheet
930Kb / 5P
Linear Shaft Motor
logo
CITIZEN ELECTRONICS CO....
L250-HOLDER CITIZEN-L250-HOLDER Datasheet
490Kb / 4P
General tolerances
More results

Similar Description - L258

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L260 IXYS-L260 Datasheet
216Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW15-12A6 IXYS-MUBW15-12A6 Datasheet
298Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW15-06A6 IXYS-MUBW15-06A6 Datasheet
210Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW10-12A6 IXYS-MUBW10-12A6 Datasheet
261Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW10-06A6 IXYS-MUBW10-06A6 Datasheet
218Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW15-12A6K IXYS-MUBW15-12A6K Datasheet
201Kb / 8P
Converter - Brake - Inverter Module (CBI1)
MUBW6-06A6 IXYS-MUBW6-06A6 Datasheet
241Kb / 8P
Converter - Brake - Inverter Module (CBI1)
logo
Powersem GmbH
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
Converter - Brake - Inverter Module
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com