Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2702 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT2702 Datasheet HTML 9Page - Richtek Technology Corporation RT2702 Datasheet HTML 10Page - Richtek Technology Corporation RT2702 Datasheet HTML 11Page - Richtek Technology Corporation RT2702 Datasheet HTML 12Page - Richtek Technology Corporation RT2702 Datasheet HTML 13Page - Richtek Technology Corporation RT2702 Datasheet HTML 14Page - Richtek Technology Corporation RT2702 Datasheet HTML 15Page - Richtek Technology Corporation RT2702 Datasheet HTML 16Page - Richtek Technology Corporation RT2702 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
RT2702
DS2702-00 October 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
the PWM for operation. Once the input voltage decreases
by approximately 500mV, the VIN under voltage-lockout
(UVLO) circuitry will disable the external driver by setting
DISB low.
Enable and Disable
EN controls the power-up sequencing of the linear regulator
(VDRV) and buck controller. The RT2702 remains in
shutdown if the EN pin is lower than 0.4V. When EN pin
rises above the 1.2V, the RT2702 will begin a new
initialization and soft-start procedure.
Linear Regulator (VDRV)
The RT2702 contains a 5V (VDRV) linear regulator, which
can afford at least 100mA loading. This regulator will be
turned on only when VIN rises above POR threshold 4.5V
and EN is higher than 1.2V.
External Driver Enable (DISB)
The RT2702 provides an output pin DISB to turn on/off
external DrMOS. When the linear regulator VDRV soft-
start is finished, DISB will be pulled high to 5V. Then the
RT2702 begins the soft-start procedure. In addition, if UVP
or OTP occurs, DISB will be pulled low to disable DrMOS
until the protections are clean.
Audio Skipping Mode (ASM)
The RT2702 activates a unique type of diode emulation
mode with switching frequency of 30kHz, called audio
skipping mode. This mode eliminates audio-frequency
modulation that would otherwise be present when a lightly
loaded controller automatically skips pulses. In audio
skipping mode, if the PWM switching frequency is lower
than 30kHz, controller will force PWM go low to turn on
low-side switch of DrMOS. When FB is discharged to
VREF, then a regular PWM pair is generated. Thus, the
sequence of PWM signal would be HiZ-state, low-state,
high-state, low-state, and back to HiZ-state.
Forced-CCM Mode (FCCM)
The low noise, forced-CCM mode disables the zero-
crossing comparator, which means PWM signal won’t
have HiZ-state anymore unless negative over current
protection is toggled. This causes the inductor current to
reverse at light loads as the PWM loop needs to maintain
a duty ratio VOUT/VIN. The benefit of forced-CCM mode is
to keep the switching frequency fairly constant.
Power-On Reset (POR) and UVLO
Power-on reset (POR) occurs when VIN rises above to
approximately 4.5V (maximum), the RT2702 will prepare
Figure 2. Soft-Start Sequence
VIN
EN
VFB
Int. SS
Ext. SS
Int. SSOK
Ext. SSOK
PWM
POK
0V
1.2V
1.2V
0.6V
1.2V
1.2V
0.6V
1.2V
0V
1.2V
0.6V
0V
0V
POR
tSS_VDRV
Soft-Start_Ext
tSS_VDRV
tSS_VDRV
Region 1
Region 2
Region 3
Vext.< VInt.
Vext.> VInt.
Soft-Start_Int
Soft-Start_Int+Ext
……
……
……
……
……
……
……
……
……
……
……
……
……



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com