Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2702 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT2702
Description  Step-Down DC-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT2702 Datasheet HTML 1Page - Richtek Technology Corporation RT2702 Datasheet HTML 2Page - Richtek Technology Corporation RT2702 Datasheet HTML 3Page - Richtek Technology Corporation RT2702 Datasheet HTML 4Page - Richtek Technology Corporation RT2702 Datasheet HTML 5Page - Richtek Technology Corporation RT2702 Datasheet HTML 6Page - Richtek Technology Corporation RT2702 Datasheet HTML 7Page - Richtek Technology Corporation RT2702 Datasheet HTML 8Page - Richtek Technology Corporation RT2702 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
RT2702
www.richtek.com
DS2702-00 October 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No
Pin Name
Pin Function
1
MODE
Operation mode detection input.
2
PWM
Logic gate driver. This pin provides PWM signal for the gate drive.
3
DISB
External driver enable. Enable external driver when DISB is high, and disable
external driver when DISB is low.
4
THWN
Thermal shutdown detection input. DISB goes low when THWN is less than
trip level.
5
CSP
Non-inverting input of current sense amplifier.
6
CSN
Inverting input of current sense amplifier. Connect a RCS from this pin to the
current sensing R/C network for adjusting the over current trip threshold. VOUT is
also discharged by this pin when system is shut down or any protection is
toggled. Resistance of the discharge switch is around 30
.
7
FB
Feedback pin. This pin is the negative input node of the PWM comparator.
8
RGND
Remote ground sense. This pin is intended to connect to the negative side of the
load for remote sensing.
9
SS
External soft-start pin. Achieve programmable soft-start time function, also have
a default internal soft-start time 3ms for minimum soft-start time. DO NOT force
this pin lower than 1.2V, otherwise soft-start procedure won't be finished. Refer
to “Application Information” for further description.
10
ILIM
The 1.2V buffered output for current limit adjustment. Connect a RILIM between
this pin and GND to set the over-current threshold corresponding to RCS.
11
POK
Open drain power good indicator. High impedance indicates power is good.
12
EN
Enable control input. The device enters its 20
A supply current shutdown mode
if EN is less than the EN input falling edge trip level and does not restart until EN
is greater than the EN input rising edge trip level. Connect EN to VIN for
automatically startup. EN can be connected to VIN through a resistive voltage
divider to implement a programmable under-voltage lockout.
13
TON
On-time/switching frequency adjustment input. Connect a resistor to VIN for
adjusting switching frequency. And connect an another 100pF ceramic capacitor
between TON and ground is optional for noise immunity enhancement.
14
VIN
Power supply input.
15
PHASE
Switching node Input for zero current detection. Also provide VOUT information
through PHASE pin to on-time generation circuit.
16
VDRV
Output bypass for the 5V regulator. Connect a low-ESR bypass ceramic
capacitor of 4.7
F from this pin to GND.
17 (Exposed Pad) GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com