Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4805BWSC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT4805BWSC
Description  Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805BWSC Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT4805BWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
RT4805B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4805B-01
April
2017
www.richtek.com
7
Absolute Maximum Ratings
(Note 1)
VIN, VOUT to AGND ----------------------------------------------------------------------------------------
0.2V to 6V
EN, VSEL, PGOOD, nBYP to AGND ------------------------------------------------------------------
0.2V to 6V
LX ----------------------------------------------------------------------------------------------------------------
(PGND  0.2V) to 6V
Power Dissipation, PD @ TA = 25C
WL-CSP-16B 1.67x1.67 (BSC) ---------------------------------------------------------------------------
2.09W
Package Thermal Resistance
(Note 2)
WL-CSP-16B 1.67x1.67 (BSC),
JA --------------------------------------------------------------------- 47.7C/W
Lead Temperature (Soldering, 10 sec.)-----------------------------------------------------------------
260C
Junction Temperature ---------------------------------------------------------------------------------------
150C
Storage Temperature Range ------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------
2kV
CDM (Charge Device Model)------------------------------------------------------------------------------
1kV
Recommended Operating Conditions
(Note 4)
Input Voltage Range ---------------------------------------------------------------------------------------
1.8V to 5V
Output Voltage Range -------------------------------------------------------------------------------------
2.85V to 4.4V
Ambient Temperature Range------------------------------------------------------------------------------
40C to 85C
Junction Temperature Range -----------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VIN = 3V, VOUT = 3.4V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN Operation Range
VIN
1.8
--
5
V
VIN Quiescent Current
IQ
Auto bypass mode, VIN = 3.8V
--
35
70
A
VIN Quiescent Current
IQ
Boost mode, ILOAD = 0mA, switching,
VIN = 3V
--
55
100
A
VIN Quiescent Current
IQ
Force bypass without LIQ, VIN = 3.6V
--
15
25
A
VIN Shutdown Current
ISHDN
EN = 0V, VIN = 3.6V
--
--
1
A
VOUT to VIN Reverse Leakage ILK
VOUT = 5V, EN = nBYP = H,
VIN < VOUT
--
0.2
1
A
VOUT Leakage Current
ILK_OUT
VOUT = 0V, EN = 0V, VIN = 4.2V
--
0.1
1
A
Under-Voltage Lock Out
VUVLO
VIN rising
--
1.6
1.8
V
Under-Voltage Lock Out
Hysteresis
VUVLO_HYS
--
200
--
mV
PGOOD Low
VPGOOD
IPGOOD = 5mA
--
--
0.4
V
PGOOD Leakage Current
IPGOOD_LK
VPGOOD = 5V
--
--
1
A
Logic Level High EN, VSEL,
nBYP, SCL, SDA
VIH
1.2
--
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com