Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4805BWSC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT4805BWSC
Description  Synchronous Boost Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4805BWSC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT4805BWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4805BWSC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
RT4805B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4805B-01
April
2017
www.richtek.com
9
Typical Application Circuit
VIN
RT4805B
VOUT
LX
VSEL
EN
AGND PGND
A3
C3, C4
10
μF
CIN
0.47
μH
+
-
B1
A1
nBYP
C1
B3, B4
22
μF x 2
COUT
D1
D2, D3, D4
SCL
B2
SDA
C2
L1
PGOOD
A2
To pull high voltage
To pull high voltage
1k 
1k
1M
BOM of Test Board
Reference
Description
Manufacturer
Package
Parameter
Typ
Unit
CIN
10
F/16V/X5R
Taiyo : EMK212ABJ106KG
0805
C
10
F
COUT
22
F/10V/X5R
Taiyo : LMK212BBJ226MG
0805
C
22
F
L1
0.47
H, 20%
TOKO : DFE2520F-R47M
2520
L
0.47
H
DCR (Series R)
29
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com