Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP385ECT-L Datasheet(PDF) 13 Page - Exar Corporation

Part # SP385ECT-L
Description  Enhanced 3V or 5V RS-232 Line Driver/Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP385ECT-L Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP385ECT-L Datasheet HTML 8Page - Exar Corporation SP385ECT-L Datasheet HTML 9Page - Exar Corporation SP385ECT-L Datasheet HTML 10Page - Exar Corporation SP385ECT-L Datasheet HTML 11Page - Exar Corporation SP385ECT-L Datasheet HTML 12Page - Exar Corporation SP385ECT-L Datasheet HTML 13Page - Exar Corporation SP385ECT-L Datasheet HTML 14Page - Exar Corporation SP385ECT-L Datasheet HTML 15Page - Exar Corporation SP385ECT-L Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP385E_100_030811
13
PACKAGE: 18 PIN WSOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com