Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP385ECT-L Datasheet(PDF) 1 Page - Exar Corporation

Part # SP385ECT-L
Description  Enhanced 3V or 5V RS-232 Line Driver/Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP385ECT-L Datasheet(HTML) 1 Page - Exar Corporation

  SP385ECT-L Datasheet HTML 1Page - Exar Corporation SP385ECT-L Datasheet HTML 2Page - Exar Corporation SP385ECT-L Datasheet HTML 3Page - Exar Corporation SP385ECT-L Datasheet HTML 4Page - Exar Corporation SP385ECT-L Datasheet HTML 5Page - Exar Corporation SP385ECT-L Datasheet HTML 6Page - Exar Corporation SP385ECT-L Datasheet HTML 7Page - Exar Corporation SP385ECT-L Datasheet HTML 8Page - Exar Corporation SP385ECT-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP385E_100_030811
1
SP385E
Enhanced +3V or +5V RS-232 Line Driver/Receiver
Exar's SP385E is an enhanced version of the SP200 family of RS-232 line drivers/receivers. The
SP385E offers +3.3V operation for EIA-562 and EIA-232 applications. The SP385E features offered
maintains the same performance features offered in its predecessors. The SP385E is available in
plastic SOIC or SSOP packages operating over the commercial and industrial temperature ranges.
The SP385E is pin compatible to the LTC1385 EIA-562 transceiver with the exception that the drivers
are disabled with the ON/OFF pin.
FEATURES
■ Operates from 3.3V or 5V Power Supply
■ Meets all EIA-232D and V.28 Specifica-
tions at 5V.
■ Meets EIA-562 Specifications at 3.3V
■ Two Drivers and Receivers
■ Operates with 0.1µF to 10µF Capacitors
■ High data rate - 120kbps Under Load
■ Low Power Shutdown ≤ 1µA
■ 3-State TTL/CMOS Receiver Outputs
■ Low Power CMOS - 5mA Operation
■ Improved ESD Specifications:
+15kV Human Body Model
+15kV IEC61000-4-2 Air Discharge
+8kV IEC61000-4-2 Contact Discharge
DESCRIPTION
TyPICAL APPLICATION CIRCUIT
Now Available in Lead Free Packaging
ON/OFF
V
GND
T OUT
R IN
R OUT
T IN
T IN
R OUT
N/C
C +
V+
C -
C +
C -
V-
T OUT
R IN
2
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
1
1
CC
2
2
2
1
2
2
1
1
1
R2
R1
T2
T1
TTL/CMOS INPUTS
RS232 OUTPUTS
TTL/CMOS OUTPUTS
RS232 INPUTS
Charge
Pump


Similar Part No. - SP385ECT-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP385ECT-L EXAR-SP385ECT-L Datasheet
737Kb / 15P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385ECT-L-TR EXAR-SP385ECT-L-TR Datasheet
737Kb / 15P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
More results

Similar Description - SP385ECT-L

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
RS-232 LINE DRIVER/RECEIVER
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
RS-232 LINE DRIVER/RECEIVER
logo
Sipex Corporation
SP385A SIPEX-SP385A Datasheet
80Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
SP385E SIPEX-SP385E Datasheet
133Kb / 11P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385A SIPEX-SP385A Datasheet
65Kb / 9P
3V to 5V RS-232 Line Driver/Receiver
SP385E-1 SIPEX-SP385E-1 Datasheet
98Kb / 11P
True 3V or 5V RS-232 Line Driver/Receiver
SP385E SIPEX-SP385E Datasheet
137Kb / 11P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385E SIPEX-SP385E_05 Datasheet
170Kb / 11P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Exar Corporation
SP385ECT-L EXAR-SP385ECT-L Datasheet
737Kb / 15P
Enhanced 3V or 5V RS-232 Line Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com