Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243ECT-L Datasheet(PDF) 1 Page - Exar Corporation

Part # SP3243ECT-L
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECT-L Datasheet(HTML) 1 Page - Exar Corporation

  SP3243ECT-L Datasheet HTML 1Page - Exar Corporation SP3243ECT-L Datasheet HTML 2Page - Exar Corporation SP3243ECT-L Datasheet HTML 3Page - Exar Corporation SP3243ECT-L Datasheet HTML 4Page - Exar Corporation SP3243ECT-L Datasheet HTML 5Page - Exar Corporation SP3243ECT-L Datasheet HTML 6Page - Exar Corporation SP3243ECT-L Datasheet HTML 7Page - Exar Corporation SP3243ECT-L Datasheet HTML 8Page - Exar Corporation SP3243ECT-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_102_060611
1
SP3243E
3 Driver/5 Receiver Intelligent +3.0V to +5.5V
RS-232 Transceivers
The SP3243E products are 3 driver/5 receiver RS-232 transceiver solutions intended for portable
or hand-held applications such as notebook and palmtop computers. The SP3243E includes one
complementary receiver that remains alert to monitor an external device's Ring Indicate signal while
the device is shutdown. The SP3243E and EB devices feature slew-rate limited outputs for reduced
crosstalk and EMI. The "U" and "H" series are optimized for high speed with data rates up to 1Mbps,
easily meeting the demands of high speed RS-232 applications. The SP3243E series uses an internal
high-efficiency, charge-pump power supply that requires only 0.1µF capacitors in 3.3V operation. This
charge pump and Exar's driver architecture allow the SP3243E series to deliver compliant RS-232
performance from a single power supply ranging from +3.0V to +5.5V. The AUTO ON-LINE® feature
allows the device to automatically "wake-up" during a shutdown state when an RS-232 cable is con-
nected and a connected peripheral is turned on. Otherwise, the device automatically shuts itself down
drawing less than 1µA.
FEATURES
■ Meets true EIA/TIA-232-F Standards
from a +3.0V to +5.5V power supply
■ Interoperable with EIA/TIA-232 and
adheres to EIA/TIA-562 down to a +2.7V
power source
■ AUTO ON-LINE® circuitry automatically
wakes up from a 1µA shutdown
■ Regulated Charge Pump Yields Stable
RS-232 Outputs Regardless of V
CC
Variations
■ Enhanced ESD Specifications:
+15kV Human Body Model
+15kV IEC61000-4-2 Air Discharge
+8kV IEC61000-4-2 Contact Discharge
■ 250 Kbps min. transmission rate (EB)
■ 1000 Kbps min. transmission rate (EU)
■ Ideal for High Speed RS-232 Applications
DESCRIPTION
SELECTION TABLE
Now Available in Lead Free Packaging
R4IN
1
2
3
4
25
26
27
28
5
6
7
24
23
22 SHUTDOWN
C2-
V-
R1IN
R2IN
R3IN
ONLINE
C2+
C1-
GND
VCC
V+
STATUS
T1IN
8
9
10
11
18
19
20
21
12
13
14
17
16
15 R5OUT
T1OUT
T2OUT
T3OUT
T3IN
T2IN
R4OUT
R5IN
R3OUT
R2OUT
R1OUT
R2OUT
SP3243E
C1+
Device
Power
Supplies
RS-232
Drivers
RS-232
Receivers
External
Components
Auto
On-Line
Circuitry
TTL
3-
State
# of
Pins
Data
Rate
ESD
Rating
SP3243E
+3.0V to +5.5V
3
5
4 Capacitors
Yes
Yes
28
120
15kV
SP3243EB +3.0V to +5.5V
3
5
4 Capacitors
Yes
Yes
28
250
15kV
SP3243EH +3.0V to +5.5V
3
5
4 Capacitors
Yes
Yes
28
460
15kV
SP3243EU +3.0V to +5.5V
3
5
4 Capacitors
Yes
Yes
28
1000
15kV


Similar Part No. - SP3243ECT-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243ECT-L EXAR-SP3243ECT-L Datasheet
1Mb / 24P
3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECT-L EXAR-SP3243ECT-L Datasheet
1,012Kb / 25P
3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECT-L/TR EXAR-SP3243ECT-L/TR Datasheet
1Mb / 24P
3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3243ECT-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3249E SIPEX-SP3249E Datasheet
128Kb / 14P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3243E EXAR-SP3243E Datasheet
1Mb / 24P
3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECA-L-TR EXAR-SP3243ECA-L-TR Datasheet
1,012Kb / 25P
3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EUEA-L-TR EXAR-SP3243EUEA-L-TR Datasheet
1,012Kb / 25P
3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com