Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243ECT-L Datasheet(PDF) 15 Page - Exar Corporation

Part # SP3243ECT-L
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECT-L Datasheet(HTML) 15 Page - Exar Corporation

Back Button SP3243ECT-L Datasheet HTML 11Page - Exar Corporation SP3243ECT-L Datasheet HTML 12Page - Exar Corporation SP3243ECT-L Datasheet HTML 13Page - Exar Corporation SP3243ECT-L Datasheet HTML 14Page - Exar Corporation SP3243ECT-L Datasheet HTML 15Page - Exar Corporation SP3243ECT-L Datasheet HTML 16Page - Exar Corporation SP3243ECT-L Datasheet HTML 17Page - Exar Corporation SP3243ECT-L Datasheet HTML 18Page - Exar Corporation SP3243ECT-L Datasheet HTML 19Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_102_060611
15
L
A
N
G
I
S
2
3
2
-
S
R
R
E
V
I
E
C
E
R
T
A
T
U
P
N
I
N
W
O
D
T
U
H
S
T
U
P
N
I
T
U
P
N
I
E
N
I
L
N
UT
P
T
U
O
S
U
T
A
T
S
R
E
V
I
E
C
S
N
A
R
T
S
U
T
A
T
S
YES
HIGH
H
G
I
H
n
o
it
a
r
e
p
O
l
a
m
r
o
N
O
N
H
G
I
H
H
G
I
H
W
O
L
n
o
it
a
r
e
p
O
l
a
m
r
o
N
O
N
H
G
I
H
W
O
L
W
O
L
n
w
o
d
t
u
h
S
(
e
n
il
n
O
-
o
t
u
A
)
LOW
H
G
I
H
n
w
o
d
t
u
h
S
W
O
L
n
w
o
d
t
u
h
S
LOW
LOW
YES
HIGH / LOW
HIGH / LOW
NO
(Auto-Online)
O
Table 3. AUTO ON-LINE® Logic
Figure 21. Stage I of AUTO ON-LINE® Circuitry
Figure 22. Stage II of AUTO ON-LINE® Circuitry
RS-232
Receiver Block
RXINACT
Inactive Detection Block
RXIN
RXOUT
R1INACT
R2INACT
R3INACT
R4INACT
R5INACT
Delay
Stage
Delay
Stage
Delay
Stage
Delay
Stage
Delay
Stage
SHUTDOWN
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com