Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2936-5.0 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2936-5.0
Description  Ultra-Low Quiescent Current 5V Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2936-5.0 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2936-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2936-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Performance Characteristics (Continued)
Quiescent Current
Quiescent Current
Output Capacitor ESR
00975913
00975914
00975915
Peak Output Current
Peak Output Current
Current Limit
00975916
00975917
00975918
Line Transient Response
Output at
Voltage Extremes
Ripple Rejection
00975919
00975920
00975921
Load Transient Response
Low Voltage Behavior
Output Impedance
00975922
00975923
00975924
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com